Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29312PW Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ29312PW
Description  FOUR CELL LITHIUM-ION
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29312PW Datasheet(HTML) 3 Page - Texas Instruments

  BQ29312PW Datasheet HTML 1Page - Texas Instruments BQ29312PW Datasheet HTML 2Page - Texas Instruments BQ29312PW Datasheet HTML 3Page - Texas Instruments BQ29312PW Datasheet HTML 4Page - Texas Instruments BQ29312PW Datasheet HTML 5Page - Texas Instruments BQ29312PW Datasheet HTML 6Page - Texas Instruments BQ29312PW Datasheet HTML 7Page - Texas Instruments BQ29312PW Datasheet HTML 8Page - Texas Instruments BQ29312PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
bq29312
SLUS546E – MARCH 2003 – REVISED MARCH 2005
MIN
NOM
MAX
UNIT
Supply Voltage (BAT or PACK)
4.5(1)
25
V
VI(STARTUP)
Start-up voltage (PACK)
5.0
V
VC1, VC2, VC3, VC4
0
BAT
SR1, SR2
–0.5
0.5
VC5
–0.5
3.0
VI
Input voltage range
V
VCn – VC(n+1), (n = 1, 2, 3, 4 )
0
5.0
PMS
0
PACK
SLEEP
0
REG
VIH
0.8
×REG
REG
V
Logic level input voltage
SCLK, SDATA, WDI
0.2
×
VIL
0
REG
VIH
VPACK – 0.2
VPACK
V
PMS logic level
PMS
VIL
0
0.2
PMS pull up/pull down resistance
RPMS
100
1000
k
VO
Output voltage
OD
25
V
IO
Output current
XALERT, SDATA
200
µA
CELL
±10
µA
Input current,External 3.3 V REG
II
SLEEP
-0.5
1.0
µA
capacitor
C(REG)
4.7
µF
R(CELL)
100
Extend CELL output filter
C(CELL)
100
nF
OD
1
mA
IOL
Input frequency
WDI
32.768
kHz
WDI high time
2
28
µs
TA
Operating temperature
–25
85
°C
(1)
V(PACK) supply voltage must rise above start-up voltage on power up to enable the internal regulator which drives REG and TOUT as
required. Once V(PACK) is above the start-up voltage, it can fall down to the minimum supply voltage and still meet the specifications of
the bq29312.
3


Similar Part No. - BQ29312PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312PW TI-BQ29312PW Datasheet
310Kb / 33P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM-LON ORLITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29312PWR TI-BQ29312PWR Datasheet
310Kb / 33P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM-LON ORLITHIUM-POLYMER BATTERY PROTECTION AFE
More results

Similar Description - BQ29312PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312A TI1-BQ29312A_15 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29311 TI1-BQ29311_15 Datasheet
1Mb / 24P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
UCC3957 TI-UCC3957 Datasheet
117Kb / 8P
[Old version datasheet]   Three - Four Cell Lithium-Ion Protector Circuit
logo
List of Unclassifed Man...
UCC3957-1 ETC1-UCC3957-1 Datasheet
116Kb / 8P
   Three - Four Cell Lithium-Ion Protector Circuit
logo
Texas Instruments
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
   Three/Four-cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com