Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29312PWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29312PWR
Description  FOUR CELL LITHIUM-ION
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29312PWR Datasheet(HTML) 4 Page - Texas Instruments

  BQ29312PWR Datasheet HTML 1Page - Texas Instruments BQ29312PWR Datasheet HTML 2Page - Texas Instruments BQ29312PWR Datasheet HTML 3Page - Texas Instruments BQ29312PWR Datasheet HTML 4Page - Texas Instruments BQ29312PWR Datasheet HTML 5Page - Texas Instruments BQ29312PWR Datasheet HTML 6Page - Texas Instruments BQ29312PWR Datasheet HTML 7Page - Texas Instruments BQ29312PWR Datasheet HTML 8Page - Texas Instruments BQ29312PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
bq29312
SLUS546E – MARCH 2003 – REVISED MARCH 2005
T
A = 25°C, C(REG) = 4.7 µF, BAT = 14 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
No load at REG, TOUT, XALERT, SCLK, and SDATA.
60
90
ICC1
Supply current 1
ZVCHG = off ,VMEN = on, WDI no clock,
µA
TA = –25°C to 85°C
100
Select VC5 = VC4 = 0 V
Supply current 2
No load at REG, TOUT, XALERT, SCLK, and SDATA.
ICC2
(Depends of VM
TA = –25°C to 85°C
25
50
µA
ZVCHG = off, VMEN = off, WDI no clock
topology selected)
No load at REG, TOUT, XALERT, SCLK, and
I(SLEEP)
Sleep current
SDATA.CHG, DSG and ZVCHG = off, REG = on,
TA = –25°C to 85°C
20
40
µA
VMEN = off, WDI no clock, SLEEP = REG or OPEN
REG, CHG, DSG and ZVCHG = off, REG = off,
I(SHIP)
Ship current
TA = –25°C to 85°C
0.1
1.0
µA
VMEN = off, WDI no clock, VPACK= 0 V
3.3 V LDO
8.0 V < BAT or PACK
≤ 25 V, I
O ≤ 25 mA
–4%
3.3
2%
V
6.5 V < BAT or PACK
≤ 8 V, I
O ≤ 25 mA
–9%
3.3
2%
Regulator output
V(REG)
TA = –25°C to 85°C
voltage
5.4 V
≤ BATor PACK ≤ 6.5 V, I
O ≤ 16 mA
–9%
3.3
2%
V
4.5 V
≤ BAT or PACK ≤ 25 V, I
O ≤ 2 mA
–2%
3.3
2%
V
Regulator output
∆V
(EGTEMP)
change with
5.4 V
≤ BAT ≤ 25 V, I
O = 2 mA,
TA = –25°C to 85°C
±0.2%
temperature
∆V
(REGLINE)
Line regulation
5.4 V
≤ BAT or PACK ≤ 25 V, I
O = 2 mA
3
10
mV
BAT = 14 V, 0.2 mA
≤ I
O ≤ 2 mA
7
15
∆V
(REGLOAD)
Load regulation
mV
BAT = 14 V, 0.2 mA
≤ I
O ≤ 25 mA
40
100
BAT = 14 V, REG = 3.0 V
25
100
IMAX
Current limit
mA
BAT = 14 V, REG = 0 V
12
50
CELL VOLTAGE MONITOR
V(Cn) – V(Cn + 1) = 0 V, 8.0 V ≤ BAT or PACK ≤ 25 V
0.975
V(CELL OUT)
CELL output
V
V(Cn) – V(Cn + 1) = 4.5 V, 8.0 V ≤ BAT or PACK ≤ 25 V
0.3
REF
CELL output
Mode(1), 8.0 V
≤ BAT or PACK ≤ 25 V
–1%
0.975
1%
V
PACK/
PACK
CELL output
Mode(2)
–5%
5%
V
25
K = (CELL output (VC5 = 0.0 V, VC4 = 4.5 V)
0.147
0.150
0.153
– CELL output (VC5 = VC4 = 0.0 V)/ 4.5
K
CELL scale factor
K = (CELL output (VC2 = 13.5 V, VC1 = 18.0 V)
0.147
0.150
0.153
– CELL output (VC2 = VC1 = 13.5 V)/ 4.5
CELL output offset
CELL output (VC2 = 17.0 V, VC1 = 17.0 V)
VICR
–1
mV
error
CELL output (VC2 = VC1 = 0.0 V)
Cell balance internal
R(BAL)
rds(ON) for internal FET switch at VDS = 2.0 V
200
400
800
resistance
(1)
Register Address =0x04, b2(CAL0) = b3(CAL1) = 1, Register Address = 0x03, b0(VMEN) = 1
(2)
Register Address = 0x03, b1(PACKOUT) = 1, b0( VMEN) = 1
4


Similar Part No. - BQ29312PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312PWR TI-BQ29312PWR Datasheet
310Kb / 33P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM-LON ORLITHIUM-POLYMER BATTERY PROTECTION AFE
More results

Similar Description - BQ29312PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312A TI1-BQ29312A_15 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29311 TI1-BQ29311_15 Datasheet
1Mb / 24P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
UCC3957 TI-UCC3957 Datasheet
117Kb / 8P
[Old version datasheet]   Three - Four Cell Lithium-Ion Protector Circuit
logo
List of Unclassifed Man...
UCC3957-1 ETC1-UCC3957-1 Datasheet
116Kb / 8P
   Three - Four Cell Lithium-Ion Protector Circuit
logo
Texas Instruments
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
   Three/Four-cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com