Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2954 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ2954
Description  Lithium Ion Charge Management IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2954 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ2954_13 Datasheet HTML 2Page - Texas Instruments BQ2954_13 Datasheet HTML 3Page - Texas Instruments BQ2954_13 Datasheet HTML 4Page - Texas Instruments BQ2954_13 Datasheet HTML 5Page - Texas Instruments BQ2954_13 Datasheet HTML 6Page - Texas Instruments BQ2954_13 Datasheet HTML 7Page - Texas Instruments BQ2954_13 Datasheet HTML 8Page - Texas Instruments BQ2954_13 Datasheet HTML 9Page - Texas Instruments BQ2954_13 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
time-out limit tQT (i.e., the battery has failed short), the
bq2954 enters the Fault state. Then tQT is set to 25% of
tMTO.IfVMIN is achieved before expiration of the time
limit, the bq2954 begins fast charging.
Once in the Fault state, the bq2954 waits until VCC is cy-
cled or a new battery insertion is detected. It then starts a
new charge cycle and begins the qualification process again.
Charge Status Display
Charge status is indicated by the LED driver outputs
LED1–LED2. Three display modes (Tables 1– 3) are avail-
able in the bq2954 and are selected by configuring pin
DSEL. Table 1 illustrates a normal fast charge cycle, Ta-
ble 2 a recharge-after-fast-charge cycle, and Table 3 an ab-
normal condition.
Configuring the Display Mode, IFULL/IMIN,
and ISENSE
DSEL/LED2 and CSEL/LED1 are bi-directional pins
with two functions: as LED driver pins (output) and as
programming pins (input).
The selection of pull-up,
pull-down, or no-resistor programs the display mode on
DSEL as shown in Tables 1 through 3. A pull-down or
no-resistor programs the current-sense mode on CSEL.
The bq2954 latches the programming data sensed on
the DSEL and CSEL input when VCC rises to a valid
level. The LEDs go blank for approximately 400ms (typi-
cal) while new programming data are latched.
When fast charge reaches a condition where the charg-
ing current drops below IFULL, the LED1 and LED2
outputs indicate a full-battery condition.
Fast charge
terminates when the charging current drops below the
6
bq2954
GR295401.eps
VBAT
IBAT
VREG
IMAX
VMIN
ICOND
IFULL
IMIN
Battery
Absent
Qualification
Charge
Complete
Low
Low
Low
Low
Low
Low
Low
High
Low
High
MTO
Fast Charge
Current
Regulate
LED1
LED2
LED1
LED2
LED1
LED2
CHG
BTST
CHG
BTST
High
Low
High
Low
High
Low
High
Low
High
High
High
Low
High
Low
High
Low
High
Low
High
Low
High
Low
High
Low
High
High
High
Low
High
Low
Low
High
Low
High
Low
High
High
Low
High
Low
Low
High
Low
High
Low
High
Low
Low
Low
Low
Mode 1
(DSEL = 0)
Mode 2
(DSEL = 1)
Mode 3
(DSEL = F)
Mode 1
and 2
Mode 3
Time
Voltage
Regulate
Current
Taper
IFULL
Detect
Table 1. Normal Fast Charge Cycle


Similar Part No. - BQ2954_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2954PN TI-BQ2954PN Datasheet
173Kb / 18P
[Old version datasheet]   Lithium Ion Charge Management IC with Integrated Switching Controller
BQ2954SN TI-BQ2954SN Datasheet
173Kb / 18P
[Old version datasheet]   Lithium Ion Charge Management IC with Integrated Switching Controller
More results

Similar Description - BQ2954_13

ManufacturerPart #DatasheetDescription
logo
Fortune Semiconductor C...
FS3871 FORTUNE-FS3871 Datasheet
951Kb / 13P
   LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
logo
Texas Instruments
BQ2954 TI-BQ2954 Datasheet
173Kb / 18P
[Old version datasheet]   Lithium Ion Charge Management IC with Integrated Switching Controller
BQ2054 TI1-BQ2054_09 Datasheet
356Kb / 19P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826_13 Datasheet
410Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
11/29/12
MCP73826 MICROCHIP-MCP73826 Datasheet
422Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
2002-2013
MCP73826-42VCHTR MICROCHIP-MCP73826-42VCHTR Datasheet
425Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
01/18/02
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
   Lithium-ion battery charge control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com