Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9214 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9214
Description  10-Bit, 65/80/105 MSPS 3 V A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9214 Datasheet(HTML) 2 Page - Analog Devices

  AD9214 Datasheet HTML 1Page - Analog Devices AD9214 Datasheet HTML 2Page - Analog Devices AD9214 Datasheet HTML 3Page - Analog Devices AD9214 Datasheet HTML 4Page - Analog Devices AD9214 Datasheet HTML 5Page - Analog Devices AD9214 Datasheet HTML 6Page - Analog Devices AD9214 Datasheet HTML 7Page - Analog Devices AD9214 Datasheet HTML 8Page - Analog Devices AD9214 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. D
–2–
AD9214–SPECIFICATIONS
DC SPECIFICATIONS
Test
AD9214-65
AD9214-80
AD9214-105
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
10
10
10
Bits
ACCURACY
No Missing Codes
25
°C
VI
Guaranteed
Guaranteed
Guaranteed
Full
VI
Guaranteed
Guaranteed
Offset Error
Full
VI
–18
0
+18
–18
0
+18
–18
0
+18
LSB
Gain Error
1
25
°C
I
–2
+8
–2
+8
–2
+8
% FS
Differential Nonlinearity
2
25
°C
I
–1.0
±0.5
+1.0
–1.0
±0.5
+1.2
–1.0
±0.8
+1.5
LSB
(DNL)
Full
V
–1.0
+1.2
–1.0
+1.4
+1.7
LSB
Integral Nonlinearity
2
25
°C
I
–1.35
±0.75
+1.35
–1.5
±0.75
+1.5
–2.2
±1.5
+2.2
LSB
(INL)
Full
V
–1.9
+1.9
–1.8
+1.8
–2.5
+2.5
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
16
16
16
ppm/
°C
Gain Error
1
Full
V
150
150
150
ppm/
°C
Reference Voltage
Full
V
80
80
80
ppm/
°C
REFERENCE (REF)
Internal Reference Voltage
25
°C
VI
1.18
1.23
1.28
1.18
1.23
1.28
1.18
1.23
1.28
V
Output Current
3
Full
V
200
200
200
µA
Input Current4
Full
V
123
123
123
µA
Input Resistance
Full
V
10
10
10
k
ANALOG INPUTS (AIN, A
IN)
Differential Input Range
Full
V
1 or 2
1 or 2
1 or 2
V p-p
Common-Mode Voltage
Full
V
AVDD/3
AVDD/3
AVDD/3
V
Differential Input Resistance
5
Full
V
20
20
20
k
Differential Input Capacitance
Full
V
5
5
5
pF
POWER SUPPLY
Supply Voltages
AVDD
Full
IV
2.7
3.6
2.7
3.6
2.7
3.6
V
DrVDD
Full
IV
2.7
3.6
2.7
3.6
2.7
3.6
V
Supply Current
IAVDD (AVDD = 3.0 V)
6
Full
VI
64
75
90
105
95
110
mA
Power-Down Current
7
IAVDD (AVDD = 3.0 V)
Full
VI
10
15
10
15
10
15
mA
Power Consumption8
Full
VI
190
220
250
300
285
325
mW
PSRR
25
°CI
±0.5
±1
±1
LSB/V
Full
V
±2
±2
±2
mV/V
NOTES
1Gain error and gain temperature coefficient are based on the ADC only (with a fixed 1.25 V external reference).
2Measured with 1 V A
IN range for AD9214-80 and AD9214-105. Measured with 2 V A IN range for AD9214-65.
3REFSENSE externally connected to AGND, REF is configured as an output for the internal reference voltage.
4REFSENSE externally connected to AV
DD, REF is configured as an input for an external reference voltage.
510 k
Ω to AV
DD/3 on each input.
6I
AVDD is measured with an analog input of 10.3 MHz, 0.5 dBFS, sine wave, rated encode rate, and PWRDN = 0. See Typical Performance Characteristics and
Applications section for IDrVDD.
7Power-down supply currents measured with PWRDN = 1; rated encode rate, A
IN = full-scale dc input.
8Power consumption measured with A
IN = full-scale dc input.
Specifications subject to change without notice.
(AVDD = 3 V, DrVDD = 3 V; TMIN = –40 C, TMAX = +85 C; external 1.25 V voltage reference and rated encode
frequency used, unless otherwise noted.)


Similar Part No. - AD9214

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9214 AD-AD9214 Datasheet
479Kb / 21P
   3V A/D Converter
AD9214-105PCB AD-AD9214-105PCB Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214-65PCB AD-AD9214-65PCB Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214BRS-105 AD-AD9214BRS-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214BRS-65 AD-AD9214BRS-65 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
More results

Similar Description - AD9214

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com