Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29312ARTHRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29312ARTHRG4
Description  FOUR-CELL LITHIUM-ION
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29312ARTHRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ29312ARTHRG4 Datasheet HTML 4Page - Texas Instruments BQ29312ARTHRG4 Datasheet HTML 5Page - Texas Instruments BQ29312ARTHRG4 Datasheet HTML 6Page - Texas Instruments BQ29312ARTHRG4 Datasheet HTML 7Page - Texas Instruments BQ29312ARTHRG4 Datasheet HTML 8Page - Texas Instruments BQ29312ARTHRG4 Datasheet HTML 9Page - Texas Instruments BQ29312ARTHRG4 Datasheet HTML 10Page - Texas Instruments BQ29312ARTHRG4 Datasheet HTML 11Page - Texas Instruments BQ29312ARTHRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
www.ti.com
GND
SR1
SR2
Overload
Comparator
Short-Circuit
SHORT-CIRCUIT
DELAY
Open-
Drain
Output
Watchdog
Timer
OD
Cell Voltage
Translation
Power
Mode
Circuit
Drive
Control
VCELL
R SNS
RCELL
CCELL
TOUT
RTHERM
C THERM
THERMISTOR
Cell
Selection
Switches
3.3V LDO
POR
SHIP_ON
SLEEP_ON
BAT
PACK
REG
C (REG)
FET
Logic
Gate Driver
CHG_ON
DSG_ON
ZVCHG_ON
DSG
CHG
ZVCHG
PACK-
PACK+
R(ZVCHG)
PMS
GG VDD
VC1
VC2
VC5
CELL 3
CELL 4
VC3
VC4
CELL 1
CELL 2
GG TS
INPUT
GG ANALOG
INPUT
SLEEP
REG
WDI
SLEEP
CONTROL
32-kHz INPUT
FROM GG
GG INTERFACE
SDATA
ALERT TO GG
OPEN-DRAIN
OUTPUT
GG INTERFACE
SCLK
SDATA
SCLK
XALERT
Status
Output Ctl
State Ctl
Function Ctl
CELL_SEL
OCDV
OCDT
SCC
SCD
Registers
Comparator
OVERCURRENT
REG
200 k
200 k
0.2-A
Current Source
_
+
-
bq29312A
SLUS629A – JANUARY 2005 – REVISED AUGUST 2005
FUNCTIONAL BLOCK DIAGRAM
8


Similar Part No. - BQ29312ARTHRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312ARTHR TI-BQ29312ARTHR Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
More results

Similar Description - BQ29312ARTHRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29311 TI1-BQ29311_15 Datasheet
1Mb / 24P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29312 TI1-BQ29312_15 Datasheet
807Kb / 39P
[Old version datasheet]   FOUR CELL LITHIUM-ION
UCC3957 TI-UCC3957 Datasheet
117Kb / 8P
[Old version datasheet]   Three - Four Cell Lithium-Ion Protector Circuit
logo
List of Unclassifed Man...
UCC3957-1 ETC1-UCC3957-1 Datasheet
116Kb / 8P
   Three - Four Cell Lithium-Ion Protector Circuit
logo
Texas Instruments
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
   Three/Four-cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com