Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29312ARTHRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29312ARTHRG4
Description  FOUR-CELL LITHIUM-ION
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29312ARTHRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ29312ARTHRG4 Datasheet HTML 7Page - Texas Instruments BQ29312ARTHRG4 Datasheet HTML 8Page - Texas Instruments BQ29312ARTHRG4 Datasheet HTML 9Page - Texas Instruments BQ29312ARTHRG4 Datasheet HTML 10Page - Texas Instruments BQ29312ARTHRG4 Datasheet HTML 11Page - Texas Instruments BQ29312ARTHRG4 Datasheet HTML 12Page - Texas Instruments BQ29312ARTHRG4 Datasheet HTML 13Page - Texas Instruments BQ29312ARTHRG4 Datasheet HTML 14Page - Texas Instruments BQ29312ARTHRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
www.ti.com
Cell Voltage
Calibration of Cell Voltage Monitor Amplifier Gain
bq29312A
SLUS629A – JANUARY 2005 – REVISED AUGUST 2005
FUNCTIONAL DESCRIPTION (continued)
The cell voltage is translated to allow a system host to measure individual series elements of the battery. The
series element voltage is translated to a GND-based voltage equal to 0.15 ±0.002 of the series element voltage.
This provides a range from 0 V to 4.5 V. The translation output is inversely proportional to the input using the
following equation.
Where, V(CELL OUT) = –K × V(CELL IN) + 0.975 (V)
Programming CELL_SEL (b1, b0) selects the individual series element. The CELL_SEL (b3, b2) selects the
voltage monitor mode, cell monitor, offset, etc.
The cell voltage monitor amplifier has an offset, and to increase accuracy, this can be calibrated.
There are a couple of methods by calibration circumstance.
The following procedure shows how to measure and calculate the offset and gain as an example.
Step 1
– Set CAL1=1, CAL0=1, CELL1=0, CELL0=0, VMEN=1
– VREF is trimmed to 0.975 V within ±1%, measuring VREF eliminates its error.
– Measure internal reference voltage VREF from VCELL directly.
– VREF=measured reference voltage
Step 2
– Set CAL1=0, CAL0=0, CELL1=0, CELL0=1, VMEN=1
– The output voltage includes the offset and represented by:
VO(4-5) = VREF + (1 + K) × VOS (V)
Where K = CELL Scaling Factor
– VOS = Offset voltage at input of the internal operational amplifier
Step 3
– Set CAL1=1, CAL0=0, CELL1=0, CELL0=0, VMEN=1
– Measuring scaled REF voltage through VCELL amplifier.
– The output voltage includes the scale factor error and offset and is represented by:
V(OUTR) = VREF + (1 + K) × VOS– K × VREF (V)
Step 4
– Calculate (VO(4-5)– V(OUTR)/VREF
– The result is the actual scaling factor, K(ACT), and is represented by:
K(ACT) = (VO(4-5)– V(OUTR))/VREF = (VREF + (1 + K) × VOS) - (VREF + (1 + K) × VOS– K × VREF)/ VREF = K ×
VREF/VREF = K
Step 5
– Calculate the actual offset value where:
VOS(ACT) = (VO(4-5)– VREF)/(1 + K(ACT))
Step 6
– Calibrated cell voltage is calculated by:
VCn – VC(n+1) = {VREF + (1 + K(ACT) ) × VOS(ACT) – V(CELLOUT)}/K(ACT) – {VO(4-5) – V(CELLOUT)}/K(ACT)
For improved measurement accuracy, VOS(ACT) for each cell voltage should be measured.
Set CAL1=0, CAL0=0, CELL1=0, CELL0=1, VMEN=1
Set CAL1=0, CAL0=0, CELL1=1, CELL0=0, VMEN=1
Set CAL1=0, CAL0=0, CELL1=1, CELL0=1, VMEN=1
11


Similar Part No. - BQ29312ARTHRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312ARTHR TI-BQ29312ARTHR Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
More results

Similar Description - BQ29312ARTHRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29311 TI1-BQ29311_15 Datasheet
1Mb / 24P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29312 TI1-BQ29312_15 Datasheet
807Kb / 39P
[Old version datasheet]   FOUR CELL LITHIUM-ION
UCC3957 TI-UCC3957 Datasheet
117Kb / 8P
[Old version datasheet]   Three - Four Cell Lithium-Ion Protector Circuit
logo
List of Unclassifed Man...
UCC3957-1 ETC1-UCC3957-1 Datasheet
116Kb / 8P
   Three - Four Cell Lithium-Ion Protector Circuit
logo
Texas Instruments
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
   Three/Four-cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com