Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ3285 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ3285
Description  Real-Time Clock (RTC)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ3285 Datasheet(HTML) 1 Page - Texas Instruments

  BQ3285 Datasheet HTML 1Page - Texas Instruments BQ3285 Datasheet HTML 2Page - Texas Instruments BQ3285 Datasheet HTML 3Page - Texas Instruments BQ3285 Datasheet HTML 4Page - Texas Instruments BQ3285 Datasheet HTML 5Page - Texas Instruments BQ3285 Datasheet HTML 6Page - Texas Instruments BQ3285 Datasheet HTML 7Page - Texas Instruments BQ3285 Datasheet HTML 8Page - Texas Instruments BQ3285 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Features
® Direct clock/calendar replace-
ment for IBM
® AT-compatible
computers and other applications
® Functionally compatible with the
DS1285
- Closely matches MC146818A
pin configuration
® 114 bytes of general nonvolatile
storage
® 160ns cycle time allows fast bus
operation
® Selectable Intel or Motorola bus
timing
® Less than 0.5
µA load under bat-
tery operation
® 14 bytes for clock/calendar and
control
® BCD or binary format for clock
and calendar data
® Calendar in day of the week, day
of the month, months, and years,
with automatic leap-year adjust-
ment
® Time of day in seconds, minutes,
and hours
- 12- or 24-hour format
- Optional daylight saving
adjustment
® Programmable square wave out-
put
® Three individually maskable in-
terrupt event flags:
- Periodic rates from 122µs to
500ms
- Time-of-day alarm once per
second to once per day
- End-of-clock update cycle
® 24-pin plastic DIP or SOIC
General Description
The CMOS bq3285 is a low-power
microprocessor peripheral providing
a time-of-day clock and 100-year cal-
endar with alarm features and bat-
tery operation. Other features in-
clude three maskable interrupt
sources, square wave output, and 114
bytes of general nonvolatile storage.
The bq3285 write-protects the clock,
calendar, and storage registers during
power failure.
A backup battery
then maintains data and operates the
clock and calendar.
The bq3285 is a fully compatible
real-time clock for IBM AT com-
patible computers and other appli-
cations. The only external compo-
nents are a 32.768kHz crystal and
a backup battery
1
bq3285
Real-Time Clock (RTC)
28-Pin PLCC No longer available
Pin Names
AD0–AD7
Multiplexed address/data
input/output
MOT
Bus type select input
CS
Chip select input
AS
Address strobe input
DS
Data strobe input
R/W
Read/write input
INT
Interrupt request
output
RST
Reset input
SQW
Square wave output
RCL
RAM clear input
BC
3V backup cell input
X1–X2
Crystal inputs
NC
No connect
VCC
+5V supply
VSS
Ground
1
PN328501.eps
24-Pin DIP or SOIC
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10
16
15
11
12
14
13
VCC
SQW
NC
BC
INT
RST
DS
VSS
R/W
AS
CS
MOT
X1
X2
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
VSS
RCL
Pin Connections
SLUS028A - JUNE 1991 - REVISED - MAY 2004


Similar Part No. - BQ3285

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
[Old version datasheet]   Real-Time Clock RTC
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
BQ3285E TI1-BQ3285E Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285EC TI-BQ3285EC Datasheet
831Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285ECSS TI-BQ3285ECSS Datasheet
831Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
More results

Similar Description - BQ3285

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
[Old version datasheet]   Real-Time Clock RTC
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
[Old version datasheet]   REAL-TIME CLOCK (RTC)
logo
National Semiconductor ...
DP8572A NSC-DP8572A Datasheet
367Kb / 22P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285EC TI-BQ3285EC Datasheet
831Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285ED TI-BQ3285ED Datasheet
159Kb / 27P
[Old version datasheet]   Real-Time Clock (RTC)
logo
UMC Corporation
UM82C8167 UMC-UM82C8167 Datasheet
617Kb / 7P
   Real-Time Clock(RTC)
logo
Texas Instruments
BQ3285ED TI1-BQ3285ED_16 Datasheet
674Kb / 28P
[Old version datasheet]   Real-Time Clock (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com