Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2954SNG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ2954SNG4
Description  Lithium Ion Charge Management IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2954SNG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2954SNG4 Datasheet HTML 5Page - Texas Instruments BQ2954SNG4 Datasheet HTML 6Page - Texas Instruments BQ2954SNG4 Datasheet HTML 7Page - Texas Instruments BQ2954SNG4 Datasheet HTML 8Page - Texas Instruments BQ2954SNG4 Datasheet HTML 9Page - Texas Instruments BQ2954SNG4 Datasheet HTML 10Page - Texas Instruments BQ2954SNG4 Datasheet HTML 11Page - Texas Instruments BQ2954SNG4 Datasheet HTML 12Page - Texas Instruments BQ2954SNG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
minimum current threshold, IMIN. The IFULL and IMIN
thresholds are programmed using the ITERM input pin
(See Table 4.)
Figures 4 and 5 show the bq2954 configured for display
mode 2 and IFULL =IMAX/5 while IMIN =IMAX/10.
Voltage and Current Monitoring
In low-side current sensing, the bq2954 monitors the
battery pack voltage as a differential voltage between
BAT and pins. In high-side current sensing, the bq2954
monitors the battery pack voltage as a differential volt-
age between BAT and VSS pins. This voltage is derived
by scaling the battery voltage with a voltage divider.
(See Figures 6 and 7.) The resistance of the voltage di-
vider must be high enough to minimize battery drain
but low enough to minimize noise susceptibility. RB1 +
RB2 is typically between 150k
Ω and 1MΩ. The volt-
age-divider resistors are calculated from the following:
RB1
RB2
NV
V
CELL
REG
=
− 1
(1)
where
VCELL = Manufacturer-specified charging cell voltage
N = Number of cells in series
VREG = 2.05V
The current sense resistor, RSNS (see Figures 6 and 7),
determines the fast-charge current. The value of RSNS
is given by the following:
R
V
I
SNS
MAX
=
025
.
(2)
where IMAX is the current during the constant-current
phase of the charge cycle. (See Table 1.)
Battery Insertion and Removal
VBAT is interpreted by the bq2954 to detect the presence
or absence of a battery. The bq2954 determines that a
battery is present when V BAT is between the
High-Voltage Cutoff (VHCO =VREG + 0.25V) and
the Low-Voltage Cutoff (VLCO = 0.8V). When VBAT is
outside this range, the bq2954 determines that no battery
is present and transitions to the battery test state, testing
for valid battery voltage. The bq2954 detects battery re-
moval when VBAT falls below VLCO. The BTST pin is
driven high during battery test and can activate an exter-
nal battery contact pull-up. This pull-up may be used to
activate an over-discharged Li-Ion battery pack. The VHCO
limit implicitly serves as an over-voltage charge fault. The
CHG output can be used to disconnect capacitors from the
regulation circuitry in order to quickly detect a battery-re-
moved condition.
Battery insertion is detected within 500ms. Transition
to the fast-charge phase, however, will not occur for time
tHO (approximately one second), even if voltage qualifi-
cation VMIN is reached. This delay prevents a voltage
spike at the BAT input from causing premature entry
into the fast-charge phase.
It also creates a delay in
detection of battery removal if the battery is removed
during this hold-off period.
Temperature Monitoring
Temperature is measured as a differential voltage be-
tween TS and BAT-. This voltage is typically generated
by a NTC (negative temperature coefficient) thermistor
and thermistor linearization network. The bq2954 com-
pares this voltage to its internal threshold voltages to
determine if charging is allowed. These thresholds are
the following:
I
High-Temperature Cutoff Voltage:
VTCO = 0.4
∗ VCC
This voltage corresponds to the maximum temperature
(TCO) at which charging is allowed.
I
High-Temperature Fault Voltage: VHTF = 0.44
∗ VCC
This voltage corresponds to the temperature (HTF) at
which charging resumes after exceeding TCO.
I
Low-Temperature Fault Voltage: VLTF = 0.6
∗ VCC
This voltage corresponds to the minimum temperature
(LTF) at which charging is allowed.
Charging is inhibited if the temperature is outside the
LTF—TCO window.
Once the temperature exceeds
TCO, it must drop below HTF before charging resumes.
RT1 and RT2 for the thermistor linearization network
are determined as follows:
06
1
.
()
()
∗=
+
∗+
V
V
RT1
RT2
R
RT2
R
CC
LTF
LTF
(3)
044
1
1
.
()
()
=
+
∗+
RT1
RT2
R
RT2
R
HTF
HTF
(4)
where
RLTF = thermistor resistance at LTF
RHTF = thermistor resistance at HTF
V=VCC - 0.250 in low-side current sensing
V= VCC in high-side current sensing
TCO is determined by the values of RT1 and RT2. 1%
resistors are recommended.
9
bq2954


Similar Part No. - BQ2954SNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2954SN TI-BQ2954SN Datasheet
173Kb / 18P
[Old version datasheet]   Lithium Ion Charge Management IC with Integrated Switching Controller
More results

Similar Description - BQ2954SNG4

ManufacturerPart #DatasheetDescription
logo
Fortune Semiconductor C...
FS3871 FORTUNE-FS3871 Datasheet
951Kb / 13P
   LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
logo
Texas Instruments
BQ2954 TI-BQ2954 Datasheet
173Kb / 18P
[Old version datasheet]   Lithium Ion Charge Management IC with Integrated Switching Controller
BQ2054 TI1-BQ2054_09 Datasheet
356Kb / 19P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826_13 Datasheet
410Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
11/29/12
MCP73826 MICROCHIP-MCP73826 Datasheet
422Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
2002-2013
MCP73826-42VCHTR MICROCHIP-MCP73826-42VCHTR Datasheet
425Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
01/18/02
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
   Lithium-ion battery charge control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com