Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29400ADCT3R Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ29400ADCT3R
Description  VOLTAGE PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29400ADCT3R Datasheet(HTML) 2 Page - Texas Instruments

  BQ29400ADCT3R Datasheet HTML 1Page - Texas Instruments BQ29400ADCT3R Datasheet HTML 2Page - Texas Instruments BQ29400ADCT3R Datasheet HTML 3Page - Texas Instruments BQ29400ADCT3R Datasheet HTML 4Page - Texas Instruments BQ29400ADCT3R Datasheet HTML 5Page - Texas Instruments BQ29400ADCT3R Datasheet HTML 6Page - Texas Instruments BQ29400ADCT3R Datasheet HTML 7Page - Texas Instruments BQ29400ADCT3R Datasheet HTML 8Page - Texas Instruments BQ29400ADCT3R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
PACKAGE DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
bq29400, bq29400A
bq29401, bq29405
SLUS568C – JULY 2003 – REVISED SEPTEMBER 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
over operating free-air temperature range unless otherwise noted(1)(2)
UNIT
Supply voltage range
(VDD)
–0.3 V to 28 V
Input voltage range
(VC1, VC2, VC3, VC4)
–0.3 V to 28 V
(OUT)
–0.3 V to 28 V
Output voltage range
(CD)
–0.3 V to 28 V
Continuous total power dissipation
See Dissipation Rating Table
Storage temperature range, Tstg
–65
°C to 150°C
Lead temperature (soldering, 10 sec)
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground of this device except the differential voltage of VC1-VC2, VC2-VC3, VC3-VC4 and VC4-GND.
TA = 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
DCT
412 mW
3.3 mW/
°C
264 mW
214 mW
PW
525 mW
4.2 mW/
°C
336 mW
273 mW
MIN
NOM
MAX
UNIT
VDD
Supply Voltage
4.0
25
V
VDD+0.
VI
Input voltage range
VC1, VC2, VC3, VC4
0
V
3
td(CD)
Delay time capacitance
0.22
µF
RIN
Voltage-monitor filter resistance
100
1k
CIN
Voltage-monitor filter capacitance
0.01
0.1
µF
RVD
Supply-voltage filter resistance
0
1
k
CVD
Supply-voltage filter capacitance
0.1
µF
TA
Operating ambient temperature range
–25
85
°C
2
Not Recommended for New Designs:
bq29400, bq29400A, bq29405


Similar Part No. - BQ29400ADCT3R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29400ADCT3R TI-BQ29400ADCT3R Datasheet
152Kb / 10P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
More results

Similar Description - BQ29400ADCT3R

ManufacturerPart #DatasheetDescription
logo
celduc-relais
ESO01000 CELDUC-ESO01000 Datasheet
866Kb / 4P
   VOLTAGE PROTECTION VOLTAGE PROTECTION
logo
Texas Instruments
BQ29440 TI1-BQ29440_13 Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
BQ29410 TI1-BQ29410_15 Datasheet
1Mb / 19P
[Old version datasheet]   VOLTAGE PROTECTION
logo
IXYS Corporation
IXBOD1-25R IXYS-IXBOD1-25R Datasheet
258Kb / 8P
   Transient voltage protection
logo
Megawin Technology Co.,...
MG39133AH MEGAWIN-MG39133AH Datasheet
257Kb / 11P
   Over voltage protection
MG39134AH MEGAWIN-MG39134AH Datasheet
259Kb / 11P
   Over voltage protection
logo
STMicroelectronics
EVAL-VNH5019-P2 STMICROELECTRONICS-EVAL-VNH5019-P2 Datasheet
88Kb / 3P
   Reverse-voltage protection
logo
List of Unclassifed Man...
ENP2220A ETC2-ENP2220A Datasheet
283Kb / 2P
   Over Voltage Protection
ENP2224B ETC2-ENP2224B Datasheet
215Kb / 2P
   Over Voltage Protection
ENP-2320 ETC2-ENP-2320 Datasheet
251Kb / 2P
   Over Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com