Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ34Z100PWR-G1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ34Z100PWR-G1
Description  Wide Range Fuel Gauge
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ34Z100PWR-G1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ34Z100PWR-G1 Datasheet HTML 6Page - Texas Instruments BQ34Z100PWR-G1 Datasheet HTML 7Page - Texas Instruments BQ34Z100PWR-G1 Datasheet HTML 8Page - Texas Instruments BQ34Z100PWR-G1 Datasheet HTML 9Page - Texas Instruments BQ34Z100PWR-G1 Datasheet HTML 10Page - Texas Instruments BQ34Z100PWR-G1 Datasheet HTML 11Page - Texas Instruments BQ34Z100PWR-G1 Datasheet HTML 12Page - Texas Instruments BQ34Z100PWR-G1 Datasheet HTML 13Page - Texas Instruments BQ34Z100PWR-G1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
10
bq34z100-G1
SLUSBZ5B – JANUARY 2015 – REVISED JULY 2016
www.ti.com
Product Folder Links: bq34z100-G1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The bq34z100-G1 device accurately predicts the battery capacity and other operational characteristics of a single
cell or multiple rechargeable cell blocks, which are voltage balanced when resting. The device supports various
Li-Ion, Lead Acid (PbA), Nickel Metal Hydride (NiMH), and Nickel Cadmium (NiCd) chemistries, and can be
interrogated by a host processor to provide cell information, such as remaining capacity, full charge capacity, and
average current.
Information is accessed through a series of commands called Standard Commands (see Standard Data
Commands). Further capabilities are provided by the additional Extended Commands set (see Extended Data
Commands). Both sets of commands, indicated by the general format Command(), are used to read and write
information contained within the bq34z100-G1 device’s control and status registers, as well as its data flash
locations. Commands are sent from host to gauge using the bq34z100-G1 serial communications engines, HDQ
and I2C, and can be executed during application development, pack manufacture, or end-equipment operation.
Cell information is stored in the bq34z100-G1 in non-volatile flash memory. Many of these data flash locations
are accessible during application development and pack manufacture. They cannot, generally, be accessed
directly during end-equipment operation. Access to these locations is achieved by using the bq34z100-G1
device’s companion evaluation software, through individual commands, or through a sequence of data-flash-
access commands. To access a desired data flash location, the correct data flash subclass and offset must be
known.
The bq34z100-G1 provides 32 bytes of user-programmable data flash memory. This data space is accessed
through a data flash interface. For specifics on accessing the data flash, refer to Data Flash Interface.
The key to the bq34z100-G1 device’s high-accuracy gas gauging prediction is Texas Instrument’s proprietary
Impedance Track algorithm. This algorithm uses voltage measurements, characteristics, and properties to create
state-of-charge predictions that can achieve accuracy with as little as 1% error across a wide variety of operating
conditions.
The bq34z100-G1 measures charge/discharge activity by monitoring the voltage across a small-value series
sense resistor connected in the low side of the battery circuit. When an application’s load is applied, cell
impedance is measured by comparing its Open Circuit Voltage (OCV) with its measured voltage under loading
conditions.
The bq34z100-G1 can use an NTC thermistor (default is Semitec 103AT or Mitsubishi BN35-3H103FB-50) for
temperature measurement, or can also be configured to use its internal temperature sensor. The bq34z100-G1
uses temperature to monitor the battery-pack environment, which is used for fuel gauging and cell protection
functionality.
To minimize power consumption, the bq34z100-G1 has three power modes: NORMAL, SLEEP, and FULL
SLEEP. The bq34z100-G1 passes automatically between these modes, depending upon the occurrence of
specific events.
Multiple modes are available for configuring from one to 16 LEDs as an indicator of remaining state of charge.
More than four LEDs require the use of one or two inexpensive SN74HC164 shift register expanders.
A SHA-1/HMAC-based battery pack authentication feature is also implemented on the bq34z100-G1. When the
IC is in UNSEALED mode, authentication keys can be (re)assigned. A scratch pad area is used to receive
challenge information from a host and to export SHA-1/HMAC encrypted responses. See the Authentication
section for further details.


Similar Part No. - BQ34Z100PWR-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34Z100PWR-R2 TI-BQ34Z100PWR-R2 Datasheet
1Mb / 27P
[Old version datasheet]   BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
DECEMBER 2022
More results

Similar Description - BQ34Z100PWR-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34Z100 TI-BQ34Z100 Datasheet
880Kb / 50P
[Old version datasheet]   Wide Range Fuel Gauge with Impedance Track??Technology
BQ34Z100-R2 TI-BQ34Z100-R2 Datasheet
1Mb / 27P
[Old version datasheet]   BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
DECEMBER 2022
BQ34Z110 TI1-BQ34Z110 Datasheet
226Kb / 11P
[Old version datasheet]   Wide Range Fuel Gauge with Impedance Track??for Lead-Acid Batteries
logo
STMicroelectronics
L9780 STMICROELECTRONICS-L9780 Datasheet
872Kb / 56P
   Wide range air fuel sensor control interface
November 2014 Rev 3
logo
Maxim Integrated Produc...
DS2780 MAXIM-DS2780_09 Datasheet
492Kb / 31P
   Standalone Fuel Gauge IC
5/09
logo
Intersil Corporation
ISL6295 INTERSIL-ISL6295 Datasheet
387Kb / 25P
   Low Voltage Fuel Gauge
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
MAX17047 MAXIM-MAX17047 Datasheet
3Mb / 47P
   ModelGauge m3 Fuel Gauge
Rev 2; 4/12
logo
Intersil Corporation
ISL6295CVZ INTERSIL-ISL6295CVZ Datasheet
286Kb / 25P
   Low Voltage Fuel Gauge
logo
Renesas Technology Corp
ISL6295 RENESAS-ISL6295 Datasheet
965Kb / 25P
   Low Voltage Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com