Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ34Z651DBT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ34Z651DBT
Description  SBS 1.1-Compliant Gas Gauge
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ34Z651DBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ34Z651DBT Datasheet HTML 3Page - Texas Instruments BQ34Z651DBT Datasheet HTML 4Page - Texas Instruments BQ34Z651DBT Datasheet HTML 5Page - Texas Instruments BQ34Z651DBT Datasheet HTML 6Page - Texas Instruments BQ34Z651DBT Datasheet HTML 7Page - Texas Instruments BQ34Z651DBT Datasheet HTML 8Page - Texas Instruments BQ34Z651DBT Datasheet HTML 9Page - Texas Instruments BQ34Z651DBT Datasheet HTML 10Page - Texas Instruments BQ34Z651DBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
bq34z651
www.ti.com
SLUSAL7
– AUGUST 2011
RECOMMENDED OPERATING CONDITIONS (continued)
Over operating free-air temperature range (unless otherwise noted)
PIN
MIN
NOM
MAX
UNIT
VC(n)
– VC(n+1); n = 1,2,3,4
0
5
V
VC1, VC2, VC3, VC4
0
VSUP
V
VIN
Input Voltage Range
VC5
0
0.5
V
ASRN, ASRP
–0.5
0.5
V
PACK, PMS
0
25
V
V(GPOD)
Output Voltage Range
GPOD
0
25
V
A(GPOD)
Drain Current(1)
GPOD
1
mA
C(REG25)
2.5-V LDO Capacitor
REG25
1
µF
C(REG33)
3.3-V LDO Capacitor
REG33
2.2
µF
C(VCELL+)
Cell Voltage Output Capacitor
VCELL+
0.1
µF
C(PACK)
PACK input block resistor(2)
PACK
1
k
(1)
Use an external resistor to limit the current to GPOD to 1 mA in high voltage application.
(2)
Use an external resistor to limit the in-rush current PACK pin required.
Copyright
© 2011, Texas Instruments Incorporated
7


Similar Part No. - BQ34Z651DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34Z651 TI1-BQ34Z651 Datasheet
669Kb / 28P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track??and External Battery Heater Control
More results

Similar Description - BQ34Z651DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z95 TI1-BQ20Z95_14 Datasheet
603Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE
BQ20Z655DBTR-R1 TI-BQ20Z655DBTR-R1 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION
BQ3060 TI-BQ3060 Datasheet
218Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION with CEDV
BQ20Z70 TI1-BQ20Z70_15 Datasheet
788Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z80 TI1-BQ20Z80_14 Datasheet
1Mb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z80ADBTR TI1-BQ20Z80ADBTR Datasheet
717Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK
BQ20Z75 TI1-BQ20Z75_14 Datasheet
721Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com