Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29401PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29401PW
Description  VOLTAGE PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29401PW Datasheet(HTML) 3 Page - Texas Instruments

  BQ29401PW Datasheet HTML 1Page - Texas Instruments BQ29401PW Datasheet HTML 2Page - Texas Instruments BQ29401PW Datasheet HTML 3Page - Texas Instruments BQ29401PW Datasheet HTML 4Page - Texas Instruments BQ29401PW Datasheet HTML 5Page - Texas Instruments BQ29401PW Datasheet HTML 6Page - Texas Instruments BQ29401PW Datasheet HTML 7Page - Texas Instruments BQ29401PW Datasheet HTML 8Page - Texas Instruments BQ29401PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
V1
V2
V3
V4
VC4
OUT
VDD
CD
GND
VC1
VC2
VC3
8
7
6
5
1
2
4
3
ICC
IIN
IIN
IIN
bq29400, bq29400A
bq29401, bq29405
SLUS568C – JULY 2003 – REVISED SEPTEMBER 2005
over recommended operating free-air temperature range, T
A = 25°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
25
35
V(OA)
Over voltage detection accuracy
mV
TA = –20°C to 85°C
25
50
bq29400
4.35
bq2940A
4.40
Over voltage detection
V(PROTECT)
V
voltage(1)
bq29401
4.45
bq29405
4.65
Over voltage detection
Vhys
300
mV
hysteresis(1)
V2, V3 , VC4 input = VC1–VC2 = VC2–VC3 = VC3–VC4
II
Input current
0.3
µA
= VC4–GND = 3.5 V
tD1
Over voltage detection delay time
CD = 0.22 µF
1.0
1.5
2.0
S
I(CD_dis)
CD GND clamp current
CD = 1 V
5
12
µA
VC1–VC2 = VC2–VC3 = VC3–VC4 = VC4–GND = 3.5 V
2.0
3.0
(see Figure 1)
ICC
Supply current
µA
VC1 = VC2 = VC3 = VC4 = VC3–VC4 = VC4–GND = 2.3
1.5
2.5
V (see Figure 1)
VC1–VC2 = VC2–VC3 = VC3–VC4 = VC4–GND =
7
V
V(PROTECT)MAX, VDD = VC1, IOH = 0 mA
V(OUT)
OUT pin drive voltage
VC1=VC2=VC3=VC4=V(PROTECT)MAX, VDD=4.3V,
1.5
2.0
2.5
V
TA= 0°C to 70°C, IOH = – 40µA
OUT = 3V, VC1–VC2 = VC2–VC3 = VC3–VC4 =
IOH
High-level output current
–1
mA
VC4–GND = 4.7 V
OUT = 0.1 V VC1–VC2 = VC2–VC3 = VC3–VC4 =
IOL
Low-level output current
5
µA
VC4–GND = 3.5 V
(1)
Levels of the over-voltage detection and the hysteresis can be adjusted. For assistance contact Texas Instruments sales representative.
Figure 1. ICC, IIN Measurement (TSSOP Package)
Terminal Functions
TERMINAL
DESCRIPTION
MSOP
TSSOP
NAME
(DTC)
(PW)
8
1
VC1
Sense voltage input for most positive cell
7
2
VC2
Sense voltage input for second most positive cell
6
3
VC3
Sense voltage input for third most positive cell
5
4
GND
Ground pin
4
5
VC4
Sense voltage input for least positive cell
3
Not Recommended for New Designs:
bq29400, bq29400A, bq29405


Similar Part No. - BQ29401PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29401PW TI-BQ29401PW Datasheet
152Kb / 10P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
BQ29401PWR TI-BQ29401PWR Datasheet
152Kb / 10P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
More results

Similar Description - BQ29401PW

ManufacturerPart #DatasheetDescription
logo
celduc-relais
ESO01000 CELDUC-ESO01000 Datasheet
866Kb / 4P
   VOLTAGE PROTECTION VOLTAGE PROTECTION
logo
Texas Instruments
BQ29440 TI1-BQ29440_13 Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
BQ29410 TI1-BQ29410_15 Datasheet
1Mb / 19P
[Old version datasheet]   VOLTAGE PROTECTION
logo
IXYS Corporation
IXBOD1-25R IXYS-IXBOD1-25R Datasheet
258Kb / 8P
   Transient voltage protection
logo
Megawin Technology Co.,...
MG39133AH MEGAWIN-MG39133AH Datasheet
257Kb / 11P
   Over voltage protection
MG39134AH MEGAWIN-MG39134AH Datasheet
259Kb / 11P
   Over voltage protection
logo
STMicroelectronics
EVAL-VNH5019-P2 STMICROELECTRONICS-EVAL-VNH5019-P2 Datasheet
88Kb / 3P
   Reverse-voltage protection
logo
List of Unclassifed Man...
ENP2220A ETC2-ENP2220A Datasheet
283Kb / 2P
   Over Voltage Protection
ENP2224B ETC2-ENP2224B Datasheet
215Kb / 2P
   Over Voltage Protection
ENP-2320 ETC2-ENP-2320 Datasheet
251Kb / 2P
   Over Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com