Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29411DCTR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29411DCTR
Description  VOLTAGE PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29411DCTR Datasheet(HTML) 2 Page - Texas Instruments

  BQ29411DCTR Datasheet HTML 1Page - Texas Instruments BQ29411DCTR Datasheet HTML 2Page - Texas Instruments BQ29411DCTR Datasheet HTML 3Page - Texas Instruments BQ29411DCTR Datasheet HTML 4Page - Texas Instruments BQ29411DCTR Datasheet HTML 5Page - Texas Instruments BQ29411DCTR Datasheet HTML 6Page - Texas Instruments BQ29411DCTR Datasheet HTML 7Page - Texas Instruments BQ29411DCTR Datasheet HTML 8Page - Texas Instruments BQ29411DCTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Not Recommended for New Designs
bq29410, bq29411, bq29412
bq29413, bq29414
bq29415, bq29419
SLUS669G – AUGUST 2005 – REVISED AUGUST 2008
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PACKAGE(3)
TA
V(PROTECT)
(2)
MSOP (DCT)
SYMBOL
SSOP (PW)
bq29419DCTR
4.30 V
CJQ
bq29419PWG4
bq29419PWRG4
bq29419DCTT
bq29410DCT3R
bq29410PW
bq29410PWR
4.35 V
bq29410DCTR
CJG
bq29410PWG4
bq29410PWRG4
bq29410DCTT
bq29411DCT3R
bq29411PW
bq29411PWR
4.40 V
bq29411DCTR
CJH
bq29411PWG4
bq29411PWRG4
bq29411DCTT
–40°C to 110°C
bq29412DCT3R
bq29412PW
bq29412PWR
4.45 V
bq29412DCTR
CJJ
bq29412PWG4
bq29412PWRG4
bq29412DCTT
bq29413DCTR
4.50 V
CJk
bq29413PW
bq29413PWR
bq29413DCTT
bq29414DCTR
4.55 V
CJL
bq29414PW
bq29414PWR
bq29414DCTT
bq29415DCTR
4.60 V
CJM
bq29415PW
bq29415PWR
bq29415DCTT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Contact your local Texas Instruments representative or sales office for alternative overvoltage threshold options.
(3)
The "R" suffix indicates tape-and-reel packaging.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted
(1) (2)
UNIT
Supply voltage range
VDD
–0.3 V to 28 V
VC1, VC2, VC3, VC4
–0.3 V to 28 V
Input voltage range
VC1 TO VC2, VC2 TO VC3, VC3 TO VC4, VC4 TO GND
–0.3 V to 8 V
OUT
–0.3 V to 28 V
Output voltage range
CD
–0.3 V to 28 V
Continuous total power dissipation
See Dissipation Rating Table
Storage temperature range, Tstg
–65°C to 150°C
Lead temperature (soldering, 10 s)
300°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground of this device except the differential voltage of VC1-VC2, VC2-VC3, VC3-VC4, and VC4-GND.
PACKAGE DISSIPATION RATINGS
TA = 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
DCT
412 mW
3.3 mW/°C
264 mW
214 mW
PW
525 mW
4.2 mW/°C
336 mW
273 mW
2
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Links: bq29410 bq29411 bq29412 bq29413 bq29414 bq29415 bq29419


Similar Part No. - BQ29411DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29411DCTR TI-BQ29411DCTR Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29411DCTR TI-BQ29411DCTR Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29411DCTRG4 TI-BQ29411DCTRG4 Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29411DCTRG4 TI-BQ29411DCTRG4 Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
More results

Similar Description - BQ29411DCTR

ManufacturerPart #DatasheetDescription
logo
celduc-relais
ESO01000 CELDUC-ESO01000 Datasheet
866Kb / 4P
   VOLTAGE PROTECTION VOLTAGE PROTECTION
logo
Texas Instruments
BQ29440 TI1-BQ29440_13 Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
BQ29400 TI1-BQ29400_16 Datasheet
1Mb / 16P
[Old version datasheet]   VOLTAGE PROTECTION
logo
IXYS Corporation
IXBOD1-25R IXYS-IXBOD1-25R Datasheet
258Kb / 8P
   Transient voltage protection
logo
Megawin Technology Co.,...
MG39133AH MEGAWIN-MG39133AH Datasheet
257Kb / 11P
   Over voltage protection
MG39134AH MEGAWIN-MG39134AH Datasheet
259Kb / 11P
   Over voltage protection
logo
STMicroelectronics
EVAL-VNH5019-P2 STMICROELECTRONICS-EVAL-VNH5019-P2 Datasheet
88Kb / 3P
   Reverse-voltage protection
logo
List of Unclassifed Man...
ENP2220A ETC2-ENP2220A Datasheet
283Kb / 2P
   Over Voltage Protection
ENP2224B ETC2-ENP2224B Datasheet
215Kb / 2P
   Over Voltage Protection
ENP-2320 ETC2-ENP-2320 Datasheet
251Kb / 2P
   Over Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com