Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4015 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ4015
Description  512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ4015 Datasheet(HTML) 4 Page - Texas Instruments

  BQ4015_14 Datasheet HTML 1Page - Texas Instruments BQ4015_14 Datasheet HTML 2Page - Texas Instruments BQ4015_14 Datasheet HTML 3Page - Texas Instruments BQ4015_14 Datasheet HTML 4Page - Texas Instruments BQ4015_14 Datasheet HTML 5Page - Texas Instruments BQ4015_14 Datasheet HTML 6Page - Texas Instruments BQ4015_14 Datasheet HTML 7Page - Texas Instruments BQ4015_14 Datasheet HTML 8Page - Texas Instruments BQ4015_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
bq4015/Y/LY
SLUS125B – MAY 1999 – REVISED JANUARY 2010
www.ti.com
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of the datasheet, or see
the TI website at www.ti.com.
Table 3. SELECTION GUIDE
MAXIMUM
NEGATIVE SUPPLY
NOMINAL INPUT
TEMPERATURE
DEVICE NUMBER
ACCESS
TOLERANCE
VOLTAGE
(°C)
TIME (ns)
(%)
VCC (V)
bq4015MA-70
70
-5
bq4015MA-85
85
-40 to 85
5
bq4015YMA-70
70
bq4015YMA-85
85
-10
bq4015LYMA-70N
70
3.3
Table 4. PART NUMBERING
INPUT
NEGATIVE
PRODUCT
MEMORY
SPEED
TEMPERATURE
VOLTAGE
SUPPLY
PACKAGE
LINE
DENSITY
(ns)
(°C)
(V)
TOLERANCE
bq40
15
L
Y
MA
70
10 = 8 k × 8
Blank = 5
Blank = 5%
MA = DIP
70
-40 to 85
11 = 32 k × 8
L= 3.3
Y = 10%
85
13 = 128 k × 8
100
14 = 256 k × 8
120
15 = 512 k × 8
150
16 = 1024 k × 8
200
17 = 2048 k × 8
4
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): bq4015/Y/LY
Not Recommended For New Designs


Similar Part No. - BQ4015_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4015LYMA-70N TI1-BQ4015LYMA-70N Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015MA-120 TI-BQ4015MA-120 Datasheet
517Kb / 13P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
BQ4015MA-120 TI-BQ4015MA-120 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
BQ4015MA-120N TI-BQ4015MA-120N Datasheet
517Kb / 13P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
BQ4015MA-120N TI-BQ4015MA-120N Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4015_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4015LYMA-70N TI1-BQ4015LYMA-70N Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI1-BQ4010_14 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI-BQ4010_07 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013 TI-BQ4013_07 Datasheet
164Kb / 15P
[Old version datasheet]   128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013 TI1-BQ4013_14 Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011 TI1-BQ4011_14 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
STMicroelectronics
M48Z512BV STMICROELECTRONICS-M48Z512BV Datasheet
195Kb / 20P
   3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER SRAM
logo
Cypress Semiconductor
CY14E256LA CYPRESS-CY14E256LA_11 Datasheet
730Kb / 19P
   256-Kbit (32 K 횞 8) Nonvolatile SRAM
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C0831AV CYPRESS-CY7C0831AV_12 Datasheet
526Kb / 31P
   FLEx18??3.3 V 128 K / 256 K / 512 K 횞 18 Synchronous Dual-Port RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com