Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4013LYMA-70 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ4013LYMA-70
Description  128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ4013LYMA-70 Datasheet(HTML) 1 Page - Texas Instruments

  BQ4013LYMA-70 Datasheet HTML 1Page - Texas Instruments BQ4013LYMA-70 Datasheet HTML 2Page - Texas Instruments BQ4013LYMA-70 Datasheet HTML 3Page - Texas Instruments BQ4013LYMA-70 Datasheet HTML 4Page - Texas Instruments BQ4013LYMA-70 Datasheet HTML 5Page - Texas Instruments BQ4013LYMA-70 Datasheet HTML 6Page - Texas Instruments BQ4013LYMA-70 Datasheet HTML 7Page - Texas Instruments BQ4013LYMA-70 Datasheet HTML 8Page - Texas Instruments BQ4013LYMA-70 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
GENERAL DESCRIPTION
PIN CONNECTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCC
A15
NC
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
32−Pin DIP Module
(TOP VIEW)
bq4013/Y/LY
SLUS121A – MAY 1999 – REVISED MAY 2007
128 k
× 8 NONVOLATILE SRAM (5 V, 3.3 V)
• Data Retention for at least 10 Years Without
The
CMOS
bq4013/Y/LY
is
a
nonvolatile
Power
1,048,576-bit static RAM organized as 131,072
words by 8 bits. The integral control circuitry and
• Automatic Write-Protection During
lithium energy source provide reliable nonvolatility
Power-up/Power-down Cycles
coupled with the unlimited write cycles of standard
• Conventional SRAM Operation, Including
SRAM.
Unlimited Write Cycles
The control circuitry constantly monitors the single
• Internal Isolation of Battery before Power
supply for an out-of-tolerance condition. When VCC
Application
falls out of tolerance, the SRAM is unconditionally
• 5-V or 3.3-V Operation
write-protected
to
prevent
an
inadvertent
write
operation.
• Industry Standard 32-Pin DIP Pinout
At this time the integral energy source is switched on
to sustain the memory until after VCC returns valid.
The
bq4013/Y/LY
uses
extremely
low
standby
current CMOS SRAMs, coupled with small lithium
coin cells to provide nonvolatility without long
write-cycle times and the write-cycle limitations
associated with EEPROM.
The bq4013/Y/LY requires no external circuitry and is
compatible with the industry-standard 1-Mb SRAM
pinout.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Not Recommended For New Designs


Similar Part No. - BQ4013LYMA-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4013LYMA-70N TI-BQ4013LYMA-70N Datasheet
164Kb / 15P
[Old version datasheet]   128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
More results

Similar Description - BQ4013LYMA-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4010 TI1-BQ4010_14 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011 TI1-BQ4011_14 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013 TI-BQ4013_07 Datasheet
164Kb / 15P
[Old version datasheet]   128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI-BQ4010_07 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015 TI1-BQ4015_14 Datasheet
359Kb / 15P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015LYMA-70N TI1-BQ4015LYMA-70N Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
Cypress Semiconductor
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
logo
STMicroelectronics
M48Z128 STMICROELECTRONICS-M48Z128_10 Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y_10 Datasheet
324Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER짰 SRAM
M48Z512BV STMICROELECTRONICS-M48Z512BV Datasheet
195Kb / 20P
   3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com