Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4010YMA-150 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ4010YMA-150
Description  8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ4010YMA-150 Datasheet(HTML) 5 Page - Texas Instruments

  BQ4010YMA-150 Datasheet HTML 1Page - Texas Instruments BQ4010YMA-150 Datasheet HTML 2Page - Texas Instruments BQ4010YMA-150 Datasheet HTML 3Page - Texas Instruments BQ4010YMA-150 Datasheet HTML 4Page - Texas Instruments BQ4010YMA-150 Datasheet HTML 5Page - Texas Instruments BQ4010YMA-150 Datasheet HTML 6Page - Texas Instruments BQ4010YMA-150 Datasheet HTML 7Page - Texas Instruments BQ4010YMA-150 Datasheet HTML 8Page - Texas Instruments BQ4010YMA-150 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS (T
A = TOPR)
DC ELECTRICAL CHARACTERISTICS
bq4010/Y/LY
SLUS116A – MAY 1999 – REVISED JUNE 2007
PARAMETER
CONDITION
VALUE
UNIT
bq4010Y
–0.3 to 7.0
VCC
DC voltage applied on VCC relative to VSS
bq4010
–0.3 to 7.0
V
bq4010LY
–0.3 to 6.0
bq4010Y
–0.3 to 7.0
DC voltage applied on any pin excluding
VT
VVT≤ VCC +0.3 V
bq4010
–0.3 to 7.0
V
VCC relative to VSS
bq4010LY
–0.3 to (VCC + 0.3)
Commercial
0 to 70
TOPR
Operating temperature
Industrial
–40 to 85
Commercial
–10 to 70
TSTG
Storage temperature
Industrial
–40 to 85
°C
Commercial
–10 to 70
TBIAS
Temperature under bias
Industrial
–40 to 85
TSOLDER
Soldering temperature
For 10 seconds
260
(1)
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation should be limited to the
Recommended DC Operating Conditions detailed in this data sheet. Exposure to conditions beyond the operational limits for extended
periods of time may affect device reliability.
MIN
TYP(1)
MAX
UNIT
bq4010Y
4.50
5.00
5.50
VCC
Supply voltage
bq4010
4.75
5.00
5.50
bq4010LY
3.00
3.30
3.60
V
VSS
Supply voltage
0
0
0
VIL
Low-level input voltage
–0.3
0.8
VIH
High-level Input voltage
2.2
VCC + 0.3
(1)
Typical values indicate operation at TA = 25°C.
T
A = TOPR, VCC(min)≤ VCC≤ VCC(max)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
ILI
Input leakage current
VIN = VSS to VCC
±1
µA
ILO
Output leakage current
CE = VIH or OE = VIH or WE = VIL
±1
VOH
Output high voltage
IOH = –1.0 mA
2.4
V
VOL
Output low voltage
IOL = 2.1 mA
0.4
ISB1
Standby supply current
CE = VIH
1
2
µA
CE
≥ V
CC– 0.2 V, 0V ≤ VIN≤ 0.2 V,
ISB2
Standby supply current
0.1
1
mA
or VIN≥ VCC– 0.2
bq4010
50
Minimum cycle, duty = 100%,
ICC
Operating supply current
bq4010Y
mA
CE = VIL, II/O = 0 mA
bq4010LY
30
bq4010
4.55
4.62
4.75
VPFD
Power-fail-detect voltage
bq4010Y
4.30
4.37
4.50
bq4010LY
2.85
2.90
2.95
V
bq4010
3
VSO
Supply switch-over voltage
bq4010Y
3
bq4010LY
2.9
(1)
Typical values indicate operation at TA = 25°C, VCC = 5.0 V or VCC = 3.3 V.
5
Submit Documentation Feedback
Not Recommended For New Designs


Similar Part No. - BQ4010YMA-150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4010YMA-150 TI-BQ4010YMA-150 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
BQ4010YMA-150 TI-BQ4010YMA-150 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010YMA-150N TI-BQ4010YMA-150N Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
BQ4010YMA-150N TI-BQ4010YMA-150N Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
More results

Similar Description - BQ4010YMA-150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4013 TI1-BQ4013_14 Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011 TI1-BQ4011_14 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI-BQ4010_07 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013 TI-BQ4013_07 Datasheet
164Kb / 15P
[Old version datasheet]   128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015 TI1-BQ4015_14 Datasheet
359Kb / 15P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015LYMA-70N TI1-BQ4015LYMA-70N Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
STMicroelectronics
M48Z512BV STMICROELECTRONICS-M48Z512BV Datasheet
195Kb / 20P
   3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER SRAM
logo
Cypress Semiconductor
CY14E256LA CYPRESS-CY14E256LA_11 Datasheet
730Kb / 19P
   256-Kbit (32 K 횞 8) Nonvolatile SRAM
logo
STMicroelectronics
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y_10 Datasheet
327Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y_11 Datasheet
311Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com