Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4015MA-70 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ4015MA-70
Description  512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ4015MA-70 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ4015MA-70 Datasheet HTML 3Page - Texas Instruments BQ4015MA-70 Datasheet HTML 4Page - Texas Instruments BQ4015MA-70 Datasheet HTML 5Page - Texas Instruments BQ4015MA-70 Datasheet HTML 6Page - Texas Instruments BQ4015MA-70 Datasheet HTML 7Page - Texas Instruments BQ4015MA-70 Datasheet HTML 8Page - Texas Instruments BQ4015MA-70 Datasheet HTML 9Page - Texas Instruments BQ4015MA-70 Datasheet HTML 10Page - Texas Instruments BQ4015MA-70 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Previous Data Valid
Data Valid
Address
DOUT
tRC
tAA
tOH
High−Z
High−Z
CE
DOUT
tRC
tACE
tCLZ
tCHZ
bq4015/Y/LY
www.ti.com
SLUS125B – MAY 1999 – REVISED JANUARY 2010
Table 5. READ CYCLE (TA = TOPR, VCC(min) ≤ VCC ≤ VCC(max))
-70
-85
PARAMETER
TEST CONDITIONS
UNIT
MIN
MAX
MIN
MAX
tRC
Read cycle time
70
85
tAA
Address access time
70
85
tACE
Chip enable access time
Output load A
70
85
tOE
Output enable to output valid
35
45
tCLZ
Chip enable to output in low Z
5
5
ns
tOLZ
Output enable to output in low Z
0
0
Output load B
tCHZ
Chip disable to output in high Z
0
25
0
35
tOHZ
Output disable to output in high Z
0
25
0
25
tOH
Output hold from address change
Output load A
10
10
(1)
WE is held high for a read cycle.
(2)
Device is continuously selected: CE = OE = VIL.
Figure 5. Read Cycle No. 1 (Address Access)
(1)
WE is held high for a read cycle.
(2)
Device is continuously selected: CE = OE = VIL.
(3)
Address is valid prior to or coincident with CE transition low.
Figure 6. Read Cycle No. 2 (CE Access)
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq4015/Y/LY
Not Recommended For New Designs


Similar Part No. - BQ4015MA-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4015MA-70 TI-BQ4015MA-70 Datasheet
517Kb / 13P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
BQ4015MA-70 TI-BQ4015MA-70 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
BQ4015MA-70 TI1-BQ4015MA-70 Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015MA-70N TI-BQ4015MA-70N Datasheet
517Kb / 13P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
BQ4015MA-70N TI-BQ4015MA-70N Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4015MA-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4015LYMA-70N TI1-BQ4015LYMA-70N Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI1-BQ4010_14 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI-BQ4010_07 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013 TI-BQ4013_07 Datasheet
164Kb / 15P
[Old version datasheet]   128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013 TI1-BQ4013_14 Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011 TI1-BQ4011_14 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
STMicroelectronics
M48Z512BV STMICROELECTRONICS-M48Z512BV Datasheet
195Kb / 20P
   3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER SRAM
logo
Cypress Semiconductor
CY14E256LA CYPRESS-CY14E256LA_11 Datasheet
730Kb / 19P
   256-Kbit (32 K 횞 8) Nonvolatile SRAM
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C0831AV CYPRESS-CY7C0831AV_12 Datasheet
526Kb / 31P
   FLEx18??3.3 V 128 K / 256 K / 512 K 횞 18 Synchronous Dual-Port RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com