Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ51051B Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ51051B
Description  High-Efficiency Qi v1.1-Compliant Wireless Power Receiver
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ51051B Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ51051B Datasheet HTML 3Page - Texas Instruments BQ51051B Datasheet HTML 4Page - Texas Instruments BQ51051B Datasheet HTML 5Page - Texas Instruments BQ51051B Datasheet HTML 6Page - Texas Instruments BQ51051B Datasheet HTML 7Page - Texas Instruments BQ51051B Datasheet HTML 8Page - Texas Instruments BQ51051B Datasheet HTML 9Page - Texas Instruments BQ51051B Datasheet HTML 10Page - Texas Instruments BQ51051B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
7
bq51050B, bq51051B, bq51052B
www.ti.com
SLUSB42E – JULY 2012 – REVISED MARCH 2015
Product Folder Links: bq51050B bq51051B bq51052B
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Thermal Information (continued)
THERMAL METRIC(1)
bq51050B, bq51051B, bq51052B
UNIT
YFP (DSGBA)
RHL (VQFN)
28 PINS
20 PINS
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
2.7
°C/W
(1)
VRECT-REG is overridden when rectifier foldback mode is active (VRECT-REG-VTRACK).
7.5 Electrical Characteristics
Over junction temperature range 0°C
≤ TJ ≤ 125°C and recommended supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VUVLO
Undervoltage lockout
VRECT: 0 V → 3 V
2.6
2.7
2.8
V
VHYS-UVLO
Hysteresis on UVLO
VRECT: 3 V → 2 V
250
mV
VOVP
Input overvoltage threshold
VRECT: 5 V → 16 V
14.5
15
15.5
V
VHYS-OVP
Hysteresis on OVP
VRECT: 16 V → 5 V
150
mV
VRECT-REG
(1)
VRECT regulation voltage
5.11
V
ILOAD
ILOAD Hysteresis for dynamic VRECT thresholds as a %
of IILIM
ILOAD falling
5%
VTRACK
Tracking VRECT regulation above VBAT
VBAT = 3.5 V,
IBAT ≥ 500 mA
300
mV
VRECT-REV
Rectifier reverse voltage protection at the BAT(output)
VRECT-REV = VBAT – VRECT,
VBAT = 10 V
8.3
9
V
VRECT-DPM
Rectifier undervoltage protection, restricts IBAT at
VRECT-DPM
3
3.1
3.2
V
QUIESCENT CURRENT
IRECT
Active chip quiescent current consumption from RECT
(when wireless power is present)
IBAT = 0 mA, 0°C ≤ TJ ≤ 85°C
8
10
mA
IBAT = 300 mA, 0°C ≤ TJ ≤ 85°C
2
3
mA
IQ
Quiescent current at the BAT when wireless power is
disabled (Standby)
VBAT = 4.2 V, 0°C ≤ TJ ≤ 85°C
12
20
µA
ILIM SHORT PROTECTION
RILIM-SHORT
Highest value of ILIM resistor considered a fault
(short).
Monitored for IBAT > ILIM_SHORT, OK
RILIM: 200 Ω → 50 Ω. IBAT
latches off, cycle power to
reset
bq51050B,
bq51051B
120
Ω
bq51052B
235
tDGL-Short
Deglitch time transition from ILIM short to IBAT disable
1
ms
ILIM_SHORT,
OK
ILIM-SHORT,OK enables the IILIM short comparator when
IBAT is greater than this value
IBAT: 0 mA → 200 mA
bq51050B,
bq51051B
110
145
165
mA
bq51052B
55
75
95
ILIM-SHORT,
OK
HYSTERESIS
Hysteresis for ILIM-SHORT,OK comparator
IBAT: 200 mA → 0 mA
30
mA
IBAT-CL
Maximum output current limit
Maximum IBAT that will be delivered for up
to 1 ms when ILIM is shorted to PGND
2.4
A
BATTERY SHORT PROTECTION
VBAT(SC)
BAT pin short-circuit detection/precharge threshold
VBAT: 3 V → 0.5 V, no deglitch
0.75
0.8
0.85
V
VBAT(SC)-HYS
VBAT(SC) hysteresis
VBAT: 0.5 V → 3 V
100
mV
IBAT(SC)
Source current to BAT pin during short-circuit
detection
VBAT = 0 V
bq51050B,
bq51051B
12
18
22
mA
bq51052B
12
18
25
VOLTAGE REGULATION PHASE
IEndTrack
IBAT threshold during Voltge Regulation Phase that
changes VRECT level from VBAT+VTRACK to VRECT-REG
IBAT decreasing
bq51050B,
bq51051B
0.35 *
IBULK
mA
bq51052B
0.05 *
IBULK


Similar Part No. - BQ51051B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51051B TI-BQ51051B Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
BQ51051BRHLR TI-BQ51051BRHLR Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
BQ51051BRHLT TI-BQ51051BRHLT Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
BQ51051BYFPR TI-BQ51051BYFPR Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
BQ51051BYFPT TI-BQ51051BYFPT Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
More results

Similar Description - BQ51051B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51050B TI-BQ51050B Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
BQ51050B TI1-BQ51050B_14 Datasheet
2Mb / 35P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
BQ51003 TI1-BQ51003 Datasheet
2Mb / 34P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC v1.1) Compliant Power Supply
BQ51010B TI1-BQ51010B Datasheet
1Mb / 33P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
BQ51013B TI-BQ51013B Datasheet
2Mb / 40P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
   QI Compliant Wireless Power Receiver
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
   Qi Compliant Wireless Power Receiver
GPMQ8101A-WPRX-M1 GENERALPLUS-GPMQ8101A-WPRX-M1 Datasheet
373Kb / 9P
   QI Compliant Wireless Power Receiver Module
logo
Toshiba Semiconductor
TC7761WBG TOSHIBA-TC7761WBG Datasheet
777Kb / 29P
   Qi Compliant Wireless Power Receiver Controller IC
2014-05-15
TC7763WBG TOSHIBA-TC7763WBG Datasheet
748Kb / 28P
   Qi Compliant Wireless Power Receiver Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com