Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ771600 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ771600
Description  External Delay Capacitor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ771600 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ771600_15 Datasheet HTML 2Page - Texas Instruments BQ771600_15 Datasheet HTML 3Page - Texas Instruments BQ771600_15 Datasheet HTML 4Page - Texas Instruments BQ771600_15 Datasheet HTML 5Page - Texas Instruments BQ771600_15 Datasheet HTML 6Page - Texas Instruments BQ771600_15 Datasheet HTML 7Page - Texas Instruments BQ771600_15 Datasheet HTML 8Page - Texas Instruments BQ771600_15 Datasheet HTML 9Page - Texas Instruments BQ771600_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
bq771600, bq771601, bq771602
bq771604, bq771605, bq771611, bq771612
SLUSAX0D – DECEMBER 2012 – REVISED JULY 2015
www.ti.com
Electrical Characteristics (continued)
Typical values stated where TA = 25°C and VDD = 14.4 V, MIN/MAX values stated where TA = –40°C to +110°C and VDD = 3
V to 20 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT DRIVE OUT, CMOS ACTIVE HIGH VERSIONS ONLY
(V4–V3), (V3–V2), (V2–V1), or (V1–VSS) > VOV, VDD
6
V
= 14.4 V, IOH = 100 µA
If three of four cells are short circuited, only one cell
Output Drive
VOUT1
remains powered and > VOV, VDD = Vx (cell voltage),
VDD – 0.3
V
Voltage, Active High
IOH = 100 µA
(V4–V3), (V3–V2), (V2–V1), and (V1–VSS) < VOV,
250
400
mV
VDD = 14.4 V, IOL = 100 µA measured into OUT pin
OUT Source Current (V4–V3), (V3–V2), (V2–V1), or (V1–VSS) > VOV, VDD
IOUTH1
4.5
mA
(During OV)
= 14.4 V, OUT = 0 V. Measured out of OUT pin
(V4–V3), (V3–V2), (V2–V1), and (V1–VSS) < VOV,
OUT Sink Current
IOUTL1
VDD = 14.4 V, OUT = VDD.
0.5
14
mA
(No OV)
Measured into OUT pin
OUTPUT DRIVE OUT, NCH OPEN DRAIN ACTIVE LOW VERSIONS ONLY
Output Drive
(V4–V3), (V3–V2), (V2–V1), or (V1–VSS) > VOV, VDD
VOUT2
250
400
mV
Voltage, Active Low
= 14.4 V, IOL = 100 µA measured into OUT pin
(V4–V3), (V3–V2), (V2–V1), or (V1–VSS) > VOV, VDD
OUT Sink Current
IOUTH2
= 14.4 V. OUT = VDD.
0.5
14
mA
(During OV)
Measured into OUT pin
(V4–V3), (V3–V2), (V2–V1), and (V1–VSS) < VOV,
IOUTLK
OUT Pin Leakage
100
nA
VDD = 14.4 V, OUT = VDD. Measured out of OUT pin
DELAY TIMER
CCD = 0.1 µF
tCD
OV Delay Time
1
1.5
2
s
(For capacitor sizing, see .)
CD Fault Detection
External Comparator The CD pin will first be quickly charged to this value
VCD
1.5
V
Threshold, Initial
before being discharged back to VSS.
Charge Value
tCHGDELAY
CD Charging Delay
OVP to OUT delay with CD shorted to ground
20
170
ms
OV Detection
CD pin fast charging current from VSS to VCD to begin
ICHG
300
µA
Charging Current
delay countdown
OV Detection
IDSG
CD pin discharging current from VDELAY to VSS
100
nA
Discharging Current
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: bq771600 bq771601 bq771602 bq771604 bq771605 bq771611 bq771612


Similar Part No. - BQ771600_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771600DPJR TI-BQ771600DPJR Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600DPJR TI1-BQ771600DPJR Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771600DPJT TI-BQ771600DPJT Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600DPJT TI1-BQ771600DPJT Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
More results

Similar Description - BQ771600_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109 TOREX-XC6109 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
Rohm
BD5243FVE-TR ROHM-BD5243FVE-TR Datasheet
400Kb / 16P
   Delay Time Controlled by external Capacitor, Two output types
logo
Seiko Instruments Inc
S1004 SII-S1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1003 SII-S1003 Datasheet
681Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
SG Micro Corp
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
ABLIC Inc.
S-1009 ABLIC-S-1009 Datasheet
619Kb / 43P
   0.27uA CURRENT CONSUMPTION VOLTAGE DETECTOR WITH DELAY FUNCTION (EXTERNAL DELAY TIME SETTING
Rev.5.1_03
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com