Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ771800 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ771800
Description  Internal Delay Timer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ771800 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ771800_16 Datasheet HTML 4Page - Texas Instruments BQ771800_16 Datasheet HTML 5Page - Texas Instruments BQ771800_16 Datasheet HTML 6Page - Texas Instruments BQ771800_16 Datasheet HTML 7Page - Texas Instruments BQ771800_16 Datasheet HTML 8Page - Texas Instruments BQ771800_16 Datasheet HTML 9Page - Texas Instruments BQ771800_16 Datasheet HTML 10Page - Texas Instruments BQ771800_16 Datasheet HTML 11Page - Texas Instruments BQ771800_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
bq771800, bq771801, bq771802
bq771803, bq771807, bq771808
bq771809, bq771815
SLUSAX1D – DECEMBER 2012 – REVISED NOVEMBER 2014
www.ti.com
DC Characteristics (continued)
Typical values stated where TA = 25°C and VDD = 18 V, MIN/MAX values stated where TA = –40°C to 110°C and VDD = 3 V
to 25 V (unless otherwise noted).
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Output Drive OUT, CMOS Active HIGH Versions Only
(V5–V4), (V4–V3), (V3–V2), (V2–V1), or
6
V
(V1–VSS) > VOV, VDD = 18 V, IOH = 100 µA
If three of four cells are short circuited and
Output Drive Voltage, Active
only one cell remains powered and > VOV,
VDD – 0.3
V
VOUT1
High
VDD = Vx (cell voltage), IOH = 100 µA
(V5–V4), (V4–V3), (V3–V2), (V2–V1), and
(V1–VSS) < VOV, VDD = 18 V, IOL = 100 µA
250
400
mV
measured into pin
(V5–V4), (V4–V3), (V3–V2), (V2–V1), or
OUT Source Current (during
IOUTH1
(V1–VSS) > VOV, VDD = 18 V. OUT = 0 V.
4.5
mA
OV)
Measured out of OUT pin
(V5–V4), (V4–V3), (V3–V2), (V2–V1), and
IOUTL1
OUT Sink Current (no OV)
(V1–VSS) < VOV, VDD = 18 V, OUT = VDD.
0.5
14
mA
Measured into OUT pin
Output Drive OUT, NCH Open Drain Active LOW Versions Only
(V5–V4), (V4–V3), (V3–V2), (V2–V1), or
Output Drive Voltage, Active
VOUT2
(V1–VSS) > VOV, VDD = 18 V, IOL = 100 µA
250
400
mV
Low
measured into OUT pin
(V5–V4), (V4–V3), (V3–V2), (V2–V1), or
IOUTH2
OUT Sink Current (during OV)
(V1–VSS) > VOV, VDD = 18 V. OUT = VDD.
0.5
14
mA
Measured into OUT pin
(V5–V4), (V4–V3), (V3–V2), (V2–V1), and
IOUTL2
OUT Source Current (no OV)
(V1–VSS) < VOV, VDD = 18 V. OUT = VDD.
100
nA
Measured out of OUT pin
Delay Timer
bq771800
3.2
4
4.8
s
bq771801, bq771807
2.4
3
3.6
s
tDELAY
OV Delay Time
bq771802, bq771803, bq771815
0.8
1
1.2
s
Preview option only. Contact TI.
4.4
5.5
6.6
s
Fault Detection Delay Time
XCTMDELAY
See Customer Test Mode.
15
ms
during Customer Test Mode
8
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: bq771800 bq771801 bq771802 bq771803 bq771807 bq771808 bq771809 bq771815


Similar Part No. - BQ771800_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771800DPJR TI-BQ771800DPJR Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800DPJR TI1-BQ771800DPJR Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800DPJR TI1-BQ771800DPJR Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800DPJR TI1-BQ771800DPJR Datasheet
887Kb / 28P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800DPJR TI1-BQ771800DPJR Datasheet
1,007Kb / 28P
[Old version datasheet]   bq7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results

Similar Description - BQ771800_16

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
TFN-3S FOTEK-TFN-3S Datasheet
781Kb / 1P
   OFF DELAY TIMER
logo
Panasonic Semiconductor
MN103SJ9 PANASONIC-MN103SJ9 Datasheet
320Kb / 3P
   30 internal interrupts: Watchdog timer. Timer
logo
LSI Computer Systems
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7213 LSI-LS7213 Datasheet
43Kb / 4P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211N LSI-LS7211N Datasheet
216Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7215 LSI-LS7215 Datasheet
221Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
logo
Littelfuse
KSD1 LITTELFUSE-KSD1 Datasheet
502Kb / 2P
   Delay-on-Make Timer
2016 Rev: 1-A-062116
logo
LSI Computer Systems
LS7211 LSI-LS7211_03 Datasheet
275Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7210 LSI-LS7210 Datasheet
49Kb / 4P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211 Datasheet
171Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com