Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ51050BRHLT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ51050BRHLT
Description  High-Efficiency Qi v1.1-Compliant Wireless Power Receiver
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ51050BRHLT Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ51050BRHLT Datasheet HTML 5Page - Texas Instruments BQ51050BRHLT Datasheet HTML 6Page - Texas Instruments BQ51050BRHLT Datasheet HTML 7Page - Texas Instruments BQ51050BRHLT Datasheet HTML 8Page - Texas Instruments BQ51050BRHLT Datasheet HTML 9Page - Texas Instruments BQ51050BRHLT Datasheet HTML 10Page - Texas Instruments BQ51050BRHLT Datasheet HTML 11Page - Texas Instruments BQ51050BRHLT Datasheet HTML 12Page - Texas Instruments BQ51050BRHLT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
9
bq51050B, bq51051B, bq51052B
www.ti.com
SLUSB42E – JULY 2012 – REVISED MARCH 2015
Product Folder Links: bq51050B bq51051B bq51052B
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over junction temperature range 0°C
≤ TJ ≤ 125°C and recommended supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCTRL-LOW
Voltage on CTRL pin for a low
0
0.1
V
tTS/CTRL-Meas
Time period of TS/CTRL measurements (when VTSB is
being driven internally)
TS bias voltage is only driven when
communication packets are sent
24
ms
tTS-Deglitch
Deglitch time for all TS comparators
10
ms
NTC-Pullup
Pullup resistor for the NTC network. Pulled up to the
TS bias LDO.
18
20
22
k
Ω
NTC-RNOM
Nominal resistance requirement at 25°C of the NTC
resistor
10
k
Ω
NTC-Beta
Beta requirement for accurate temperature sensing
through the above specified thresholds
3380
Ω
THERMAL PROTECTION
TJ-SD
Thermal shutdown temperature
155
°C
TJ-Hys
Thermal shutdown hysteresis
20
°C
OUTPUT LOGIC LEVELS ON CHG
VOL
Open-drain CHG pin
ISINK = 5 mA
500
mV
IOFF,CHG
CHG leakage current when disabled
VCHG = 20 V,
0°C
≤ TJ ≤ 85°C
1
µA
COMM PIN
RDS-
ON(COMM)
COMM1 and COMM2
VRECT = 2.6 V
1
Ω
fCOMM
Signaling frequency on COMM pin
2
kb/s
IOFF,COMM
COMM pin leakage current
VCOMM1 = 20 V,
VCOMM2 = 20 V
1
µA
CLAMP PIN
RDS-
ON(CLAMP)
CLAMP1 and CLAMP2
0.75
Ω
ADAPTER ENABLE
VAD-Pres
VAD Rising threshold voltage. EN-UVLO
VAD 0 V → 5 V
3.5
3.6
3.8
V
VAD-PresH
VAD-Pres hysteresis, EN-HYS
VAD 5 V → 0 V
400
mV
IAD
Input leakage current
VRECT = 0 V, VAD = 5 V
60
µA
RAD
Pullup resistance from AD-EN to BAT when adapter
mode is disabled and VBAT > VAD, EN-OUT
VAD = 0 V, VBAT = 5 V
200
350
Ω
VAD-Diff
Voltage difference between VAD and VAD-EN when
adapter mode is enabled, EN-ON
VAD = 5 V, 0°C ≤ TJ ≤ 85°C
3
4.5
5
V
SYNCHRONOUS RECTIFIER
IBAT-SR
IBAT at which the synchronous rectifier enters half
synchronous mode, SYNC_EN
IBAT 200 mA → 0 mA
bq51050B,
bq51051B
80
115
140
mA
bq51052B
20
50
65
IBAT-SRH
Hysteresis for IBAT,SR (full-synchronous mode enabled) IBAT 0 mA → 200 mA
bq51050B,
bq51051B
25
bq51052B
28
VHS-DIODE
High-side diode drop when the rectifier is in half
synchronous mode
IAC-VRECT = 250 mA, and TJ = 25°C
0.7
V
EN2
VIL
Input low threshold for EN2
0.4
V
VIH
Input high threshold for EN2
1.3
V
RPD, EN
EN2 pulldown resistance
200
k
Ω
ADC
PowerREC
Received power measurement
0 W – 5 W received power after calibration
of Rx magnetics losses
0.25
W


Similar Part No. - BQ51050BRHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51050BRHLT TI-BQ51050BRHLT Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
More results

Similar Description - BQ51050BRHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51050B TI-BQ51050B Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
BQ51050B TI1-BQ51050B_14 Datasheet
2Mb / 35P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
BQ51003 TI1-BQ51003 Datasheet
2Mb / 34P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC v1.1) Compliant Power Supply
BQ51010B TI1-BQ51010B Datasheet
1Mb / 33P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
BQ51013B TI-BQ51013B Datasheet
2Mb / 40P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
   QI Compliant Wireless Power Receiver
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
   Qi Compliant Wireless Power Receiver
GPMQ8101A-WPRX-M1 GENERALPLUS-GPMQ8101A-WPRX-M1 Datasheet
373Kb / 9P
   QI Compliant Wireless Power Receiver Module
logo
Toshiba Semiconductor
TC7761WBG TOSHIBA-TC7761WBG Datasheet
777Kb / 29P
   Qi Compliant Wireless Power Receiver Controller IC
2014-05-15
TC7763WBG TOSHIBA-TC7763WBG Datasheet
748Kb / 28P
   Qi Compliant Wireless Power Receiver Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com