Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8034AR-REEL Datasheet(PDF) 1 Page - Analog Devices

Part # AD8034AR-REEL
Description  Low Cost, 80 MHz FastFET ??Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8034AR-REEL Datasheet(HTML) 1 Page - Analog Devices

  AD8034AR-REEL Datasheet HTML 1Page - Analog Devices AD8034AR-REEL Datasheet HTML 2Page - Analog Devices AD8034AR-REEL Datasheet HTML 3Page - Analog Devices AD8034AR-REEL Datasheet HTML 4Page - Analog Devices AD8034AR-REEL Datasheet HTML 5Page - Analog Devices AD8034AR-REEL Datasheet HTML 6Page - Analog Devices AD8034AR-REEL Datasheet HTML 7Page - Analog Devices AD8034AR-REEL Datasheet HTML 8Page - Analog Devices AD8034AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. B
a
AD8033/AD8034
Low Cost, 80 MHz
FastFET Op Amps
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
FET Input Amplifier
1 pA Typical Input Bias Current
Very Low Cost
High Speed
80 MHz, –3 dB Bandwidth (G = +1)
80 V/ s Slew Rate (G = +2)
Low Noise
11 nV/
Hz (f = 100 kHz)
0.6 fA/
Hz (f = 100 kHz)
Wide Supply Voltage Range
5 V to 24 V
Low Offset Voltage, 1 mV Typical
Single-Supply and Rail-to-Rail Output
High Common-Mode Rejection Ratio –100 dB
Low Power
3.3 mA/Amplifier Typical Supply Current
No Phase Reversal
Small Packaging
SOIC-8, SOT-23-8, and SC70
APPLICATIONS
Instrumentation
Filters
Level Shifting
Buffering
CONNECTION DIAGRAMS
GENERAL DESCRIPTION
The AD8033/AD8034 FastFET amplifiers are voltage feedback
amplifiers with FET inputs, offering ease of use and excellent
performance. The AD8033 is a single amplifier and the
AD8034 is a dual amplifier. The AD8033/AD8034 FastFET
op amps in ADI’s proprietary XFCB process offer significant
performance improvements over other low cost FET amps, such as
low noise (11 nV/
Hz and 0.6 fA/Hz) and high speed (80 MHz
bandwidth and 80 V/
µs slew rate).
With a wide supply voltage range from 5 V to 24 V and fully
operational on a single supply, the AD8033/AD8034 amplifiers
will work in more applications than similarly priced FET
input amps. In addition, the AD8033/AD8034 have rail-to-rail
outputs for added versatility.
Despite their low cost, the amplifiers provide excellent overall
performance. They offer high common-mode rejection of
–100 dB, low input offset voltage of 2 mV max, and low noise
of 11 nV/
Hz.
The AD8033/AD8034 amplifiers only draw 3.3 mA/amplifier of
quiescent current while having the capability of delivering up to
40 mA of load current.
0.01
100
1.0
10
FREQUENCY – MHz
21
18
–9
15
12
9
6
3
0
–3
–6
24
G = +5
1000
G = +1
VO = 200mV p-p
G = +10
G = +2
G = –1
Figure 1. Small Signal Frequency Response
The AD8033 is available in small packages: SOIC-8 and SC70.
The AD8034 is also available in small packages: SOIC-8 and
SOT-23-8. They are rated to work over the industrial temperature
range of –40
°C to +85°C without a premium over commercial
grade products.
SOIC-8 and SOT-23-8 (RT)
AD8034
1
VOUT1
–IN1
+IN1
–VS
+VS
VOUT2
–IN2
+IN2
8
27
36
45
SOIC-8 (R)
AD8033
1
NC
–IN
+IN
–VS
+VS
VOUT
8
27
36
45
NC
NC
SC70 (KS)
AD8033
1
VOUT
–VS
+IN
5
2
34
+VS
–IN


Similar Part No. - AD8034AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8034AR-REEL AD-AD8034AR-REEL Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034AR-REEL AD-AD8034AR-REEL Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034AR-REEL7 AD-AD8034AR-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034AR-REEL7 AD-AD8034AR-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
More results

Similar Description - AD8034AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065 AD-AD8065 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
AD8065WARTZ-R7 AD-AD8065WARTZ-R7 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8065 AD-AD8065_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066 AD-AD8066_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com