Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4845YS-A4G4 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ4845YS-A4G4
Description  Parallel RTC With CPU Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ4845YS-A4G4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ4845YS-A4G4 Datasheet HTML 2Page - Texas Instruments BQ4845YS-A4G4 Datasheet HTML 3Page - Texas Instruments BQ4845YS-A4G4 Datasheet HTML 4Page - Texas Instruments BQ4845YS-A4G4 Datasheet HTML 5Page - Texas Instruments BQ4845YS-A4G4 Datasheet HTML 6Page - Texas Instruments BQ4845YS-A4G4 Datasheet HTML 7Page - Texas Instruments BQ4845YS-A4G4 Datasheet HTML 8Page - Texas Instruments BQ4845YS-A4G4 Datasheet HTML 9Page - Texas Instruments BQ4845YS-A4G4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
This activity unconditionally write-protects the external
SRAM as VCC falls below VPFD. If a memory access is in
progress to the external SRAM during power-fail detec-
tion, that memory cycle continues to completion before
the memory is write-protected. If the memory cycle is
not terminated within time tWPT, the chip enable output
is unconditionally driven high, write-protecting the con-
trolled SRAM.
As the supply continues to fall past VPFD, an internal
switching device forces VOUT to the external backup en-
ergy source.
CEOUT is held high by the VOUT energy
source.
During power-up, VOUT is switched back to the 5V sup-
ply as VCC rises above the backup cell input voltage
sourcing VOUT.CEOUT is held inactive for time tCER af-
ter the power supply has reached VPFD, independent of
the CEIN input, to allow for processor stabilization.
During power-valid operation, the CEIN input is passed
through to the CEOUT output with a propagation delay of
less than 12ns.
Figure 2 shows the hardware hookup for the external
RAM, battery, and crystal.
A primary backup energy source input is provided on
the bq4845. The BC input accepts a 3V primary battery,
typically some type of lithium chemistry. Since the
bq4845 provides for reverse battery charging protection,
no diode or current limiting resistor is needed in series
with the cell. To prevent battery drain when there is no
valid data to retain, VOUT and CEOUT are internally iso-
lated from BC by the initial connection of a battery. Fol-
lowing the first application of VCC above VPFD, this iso-
lation is broken, and the backup cell provides power to
VOUT and CEOUT for the external SRAM.
The crystal should be located as close to X1 and X2 as
possible and meet the specifications in the Crystal
Specification Table. With the specified crystal, the
bq4845 RTC will be accurate to within one minute per
month at room temperature. In the absence of a crystal,
a 32.768 kHz waveform can be fed
into X1 with X2
grounded.
Power-On Reset
The bq4845 provides a power-on reset, which pulls the
RST pin low on power-down and remains low on power-
up for tRST after VCC passes VPFD. With valid battery
voltage on BC, RST remains valid for VCC=VSS.
6
Figure 2. bq4845 Application Circuit
Aug. 1995
bq4845/bq4845Y


Similar Part No. - BQ4845YS-A4G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4845YS-A4 TI-BQ4845YS-A4 Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845YS-A4N TI-BQ4845YS-A4N Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845YS-A4NG4 TI-BQ4845YS-A4NG4 Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845YS-A4NT TI-BQ4845YS-A4NT Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845YS-A4NTR TI-BQ4845YS-A4NTR Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
More results

Similar Description - BQ4845YS-A4G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4845 TI-BQ4845 Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4802YDWRG4 TI1-BQ4802YDWRG4 Datasheet
920Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR
logo
Intersil Corporation
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com