Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ771800DPJR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ771800DPJR
Description  Internal Delay Timer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ771800DPJR Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ771800DPJR Datasheet HTML 7Page - Texas Instruments BQ771800DPJR Datasheet HTML 8Page - Texas Instruments BQ771800DPJR Datasheet HTML 9Page - Texas Instruments BQ771800DPJR Datasheet HTML 10Page - Texas Instruments BQ771800DPJR Datasheet HTML 11Page - Texas Instruments BQ771800DPJR Datasheet HTML 12Page - Texas Instruments BQ771800DPJR Datasheet HTML 13Page - Texas Instruments BQ771800DPJR Datasheet HTML 14Page - Texas Instruments BQ771800DPJR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
VDD
V5
V4
V3
OUT
VSS
V1
V2
Cell5
Cell4
Cell3
Cell2
R
VD
C VD
Cell1
CIN
R
IN
R
IN
R
IN
R
IN
R
IN
CIN
CIN
CIN
CIN
bq771800, bq771801, bq771802
bq771803, bq771807, bq771808
bq771809, bq771815
www.ti.com
SLUSAX1D – DECEMBER 2012 – REVISED NOVEMBER 2014
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
In the case of an Open Drain Active Low configuration, an external pull-up resistor is required on the OUT pin.
Changes to the ranges stated in Table 1 will impact the accuracy of the cell measurements.
Figure 8. Application Configuration
Changes to the ranges stated in Table 1 will impact the accuracy of the cell measurements. Figure 8 shows each
external component.
Table 1. Parameters
PARAMETER
EXTERNAL COMPONENT
MIN
NOM
MAX
UNIT
Voltage monitor filter resistance
RIN
900
1000
1100
Ω
Voltage monitor filter capacitance
CIN
0.01
0.1
µF
Supply voltage filter resistance
RVD
100
1K
Ω
Supply voltage filter capacitance
CVD
0.1
µF
CD external delay capacitance
0.1
1
µF
OUT Open drain version pull-up resistance
100
k
Ω
to PACK+
NOTE
The device is calibrated using an RIN value = 1 kΩ. Using a value other than this
recommended value changes the accuracy of the cell voltage measurements and VOV
trigger level.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: bq771800 bq771801 bq771802 bq771803 bq771807 bq771808 bq771809 bq771815


Similar Part No. - BQ771800DPJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771800DPJR TI-BQ771800DPJR Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800DPJR TI1-BQ771800DPJR Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800DPJR TI1-BQ771800DPJR Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800DPJR TI1-BQ771800DPJR Datasheet
887Kb / 28P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800DPJR TI1-BQ771800DPJR Datasheet
1,007Kb / 28P
[Old version datasheet]   bq7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results

Similar Description - BQ771800DPJR

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
TFN-3S FOTEK-TFN-3S Datasheet
781Kb / 1P
   OFF DELAY TIMER
logo
Panasonic Semiconductor
MN103SJ9 PANASONIC-MN103SJ9 Datasheet
320Kb / 3P
   30 internal interrupts: Watchdog timer. Timer
logo
LSI Computer Systems
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7213 LSI-LS7213 Datasheet
43Kb / 4P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211N LSI-LS7211N Datasheet
216Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7215 LSI-LS7215 Datasheet
221Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
logo
Littelfuse
KSD1 LITTELFUSE-KSD1 Datasheet
502Kb / 2P
   Delay-on-Make Timer
2016 Rev: 1-A-062116
logo
LSI Computer Systems
LS7211 LSI-LS7211_03 Datasheet
275Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7210 LSI-LS7210 Datasheet
49Kb / 4P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211 Datasheet
171Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com