Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7790500PWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7790500PWR
Description  Open Wire Stackable Lithium-ion Battery Protector
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7790500PWR Datasheet(HTML) 4 Page - Texas Instruments

  BQ7790500PWR Datasheet HTML 1Page - Texas Instruments BQ7790500PWR Datasheet HTML 2Page - Texas Instruments BQ7790500PWR Datasheet HTML 3Page - Texas Instruments BQ7790500PWR Datasheet HTML 4Page - Texas Instruments BQ7790500PWR Datasheet HTML 5Page - Texas Instruments BQ7790500PWR Datasheet HTML 6Page - Texas Instruments BQ7790500PWR Datasheet HTML 7Page - Texas Instruments BQ7790500PWR Datasheet HTML 8Page - Texas Instruments BQ7790500PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Not to scale
1
VDD
20
DVSS
2
AVDD
19
CTRD
3
VC5
18
CTRC
4
VC4
17
CCFG
5
VC3
16
VTB
6
VC2
15
TS
7
VC1
14
LD
8
AVSS
13
CHG
9
SRP
12
CHGU
10
SRN
11
DSG
4
bq77904, bq77905
SLUSCM3A – JUNE 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: bq77904 bq77905
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
I = Input, O = Output, P = Power
6 Pin Configuration and Functions
PW Package
16-Pin TSSOP
Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
NO.
AVDD
2
O
Analog supply (only connect to a capacitor)
AVSS
8
P
Analog ground
CCFG
17
I
Cell in series-configuration input
CHG
13
O
CHG FET driver, use on a single device or on the bottom device of a stack
configuration
CHGU
12
O
CHG FET signal, use for upper device of a stack configuration to feed the CHG signal
to the CTRC pin of the lower device
CTRC
18
I
CHG and DSG override inputs
CTRD
19
I
DSG
11
O
DSG FET driver
DVSS
20
P
Digital ground
LD
14
I
PACK– load removal detection
SRN
10
I
Current sense input connecting to the pack– side of sense resistor
SRP
9
I
Current sense input connecting to the battery side of sense resistor
TS
15
I
Thermistor measurement input. Connect a 10kΩ resistor to AVSS pin if the function is
not used
VC1
7
I
Cell voltage sense inputs
VC2
6
I
VC3
5
I
VC4
4
I
VC5
3
I
Cell voltage sense inputs (pin 3 must be connected to pin 4 on bq77904)
VDD
1
P
Supply voltage
VTB
16
O
Thermistor bias output


Similar Part No. - BQ7790500PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ7790500PWR TI1-BQ7790500PWR Datasheet
1Mb / 45P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ7790500PWR TI1-BQ7790500PWR Datasheet
1Mb / 47P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ7790500PWR TI1-BQ7790500PWR Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790500PWR TI1-BQ7790500PWR Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790500PWR TI1-BQ7790500PWR Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
More results

Similar Description - BQ7790500PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
BQ77904_017 TI1-BQ77904_017 Datasheet
1Mb / 47P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904_17 Datasheet
1Mb / 45P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
MAX1666S MAXIM-MAX1666S Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
logo
Texas Instruments
BQ77904 TI1-BQ77904_V01 Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V03 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V02 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI-BQ77904_V04 Datasheet
2Mb / 46P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com