Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7790501PW Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ7790501PW
Description  Open Wire Stackable Lithium-ion Battery Protector
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7790501PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ7790501PW Datasheet HTML 2Page - Texas Instruments BQ7790501PW Datasheet HTML 3Page - Texas Instruments BQ7790501PW Datasheet HTML 4Page - Texas Instruments BQ7790501PW Datasheet HTML 5Page - Texas Instruments BQ7790501PW Datasheet HTML 6Page - Texas Instruments BQ7790501PW Datasheet HTML 7Page - Texas Instruments BQ7790501PW Datasheet HTML 8Page - Texas Instruments BQ7790501PW Datasheet HTML 9Page - Texas Instruments BQ7790501PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
6
bq77904, bq77905
SLUSCM3A – JUNE 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: bq77904 bq77905
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report.
7.4 Thermal Information
THERMAL METRIC(1)
bq77904
bq77905
UNITS
PW (TSSOP)
16 PINS
θJA
Junction-to-ambient thermal resistance
TBD
°C/W
θJCtop
Junction-to-case (top) thermal resistance
TBD
θJB
Junction-to-board thermal resistance
TBD
ψJT
Junction-to-top characterization parameter
TBD
ψJB
Junction-to-board characterization parameter
TBD
θJCbot
Junction-to-case (bottom) thermal resistance
TBD
(1)
Based on a 10 KΩ pull-up and 103AT thermistor.
7.5 Electrical Characteristics
Typical values stated at TA = 25ºC and VDD = 16 V (bq77904) or 20 V (bq77905). MIN and MAX values stated with TA =
–40ºC to 85ºC and VDD = 3 to 20 V (bq77904) or VDD = 3 to 25 V (bq77905) unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE
V(POR)
POR threshold
VDD rising, 0 to 6 V
4
V
V(SHUT)
Shutdown threshold
VDD falling, 6 to 0 V
2
3.25
V
V(AVDD)
AVDD voltage
C(VDD) = 1 µF
2.1
2.5
3.25
V
SUPPLY AND LEAKAGE CURRENT
ICC
Normal mode current
(bq77904/bq77905)
Cell1 through Cell5 = 4 V,
VDD = 20 V (bq77905)
6
9
µA
I(CFAULT)
Fault condition current
State comparator on
8
12
µA
IOFF
Shutdown mode current
VDD < VSHUT
0.5
µA
ILKG(OW_DIS)
Input leakage current at VCx pins
All cell voltages = 4 V,
Open Wire disable configuration
–100
0
100
nA
ILKG(100nA)
Open-wire sink current at VCx
pins
All cell voltages = 4 V,
100 nA configuration
30
110
175
nA
ILKG(200nA)
Open-wire sink current at VCx
pins
All cell voltages = 4 V,
200 nA configuration
95
210
315
nA
ILKG(400nA)
Open-wire sink current at VCx
pins
All cell voltages = 4 V,
400 nA configuration
220
425
640
nA
PROTECTION ACCURACIES
VOV
Overvoltage programmable
threshold range
3000
4575
mV
VUV
Undervoltage programmable
threshold range
1200
3000
mV
V(VA)
OV, UV, detection accuracy
TA = 25ºC, OV detection accuracy
–10
10
mV
TA = 25ºC, UV detection accuracy
–18
18
mV
TA = 0 to 60ºC
–28
26
mV
TA = –40 to 85ºC
–40
40
mV
VHYS(OV)
OV hysteresis programmable
threshold range
0
400
mV
VHYS(UV)
UV hysteresis programmable
threshold range
200
800
mV
VOTD
Overtemperature in discharge
programmable threshold
Threshold for 65°C(1)
17.48
20.56
23.64
%VTB
Threshold for 70°C (1)
15.49
18.22
20.95
%VTB


Similar Part No. - BQ7790501PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ7790501PW TI1-BQ7790501PW Datasheet
1Mb / 45P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ7790501PW TI1-BQ7790501PW Datasheet
1Mb / 47P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ7790501PWR TI1-BQ7790501PWR Datasheet
1Mb / 45P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ7790501PWR TI1-BQ7790501PWR Datasheet
1Mb / 47P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
More results

Similar Description - BQ7790501PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
BQ77904_017 TI1-BQ77904_017 Datasheet
1Mb / 47P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904_17 Datasheet
1Mb / 45P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
MAX1666S MAXIM-MAX1666S Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
logo
Texas Instruments
BQ77904 TI1-BQ77904_V01 Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V03 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V02 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI-BQ77904_V04 Datasheet
2Mb / 46P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com