Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ78412DDWT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78412DDWT
Description  Pb-Acid Battery State-of-Charge Indicator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ78412DDWT Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ78412DDWT Datasheet HTML 4Page - Texas Instruments BQ78412DDWT Datasheet HTML 5Page - Texas Instruments BQ78412DDWT Datasheet HTML 6Page - Texas Instruments BQ78412DDWT Datasheet HTML 7Page - Texas Instruments BQ78412DDWT Datasheet HTML 8Page - Texas Instruments BQ78412DDWT Datasheet HTML 9Page - Texas Instruments BQ78412DDWT Datasheet HTML 10Page - Texas Instruments BQ78412DDWT Datasheet HTML 11Page - Texas Instruments BQ78412DDWT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
UDG-10114
Months
12
24
95
96
97
98
30
48
99
100
6
0
18
36
42
CapDerateL
CapDerateH
Derate
Value (100 mAh)
Derate Change
bq78412
SLUSAA0 – OCTOBER 2010
www.ti.com
4Ah decrease in 0.1 Ah steps = 40 separate steps over 365 days
365 days / 40 decrement steps = one decrement step every 9.1 days
So CapDerateH = 9
Finally, 3 years is 365 days x 3 = 1095 days
So DerateChange = 1095
Note that due to slight rounding errors (12 days instead of 12.1 days, etc.) the actual capacity represented at the
end of any time internal (one year, two years, etc.) may be off by a small fraction.
In the example above, the actual implementation calculates to be as listed below (assuming no changes to FCC
from the learned capacity method occur):
Initial capacity = 100Ah and full charge capacity (FCC) decremented 0.1 Ah every 12 days:
End of year 1 capacity (at day 360) = 100Ah – 3.0Ah = 97Ah and (3.0Ah / 100Ah) = 3%
End of year 2 capacity (at day 732) = 97Ah – 3.1 Ah = 93.9Ah and (3.1 Ah / 93.9Ah) = 3.3%
End of year 3 capacity (at day 1095) = 93.9Ah – 3.0Ah = 90.9Ah and (3.0Ah / 90.9Ah) = 3.3%
Total from time 0 to Year 3: (100Ah – 90.9Ah) / 100Ah = 9.1% / 3 years = 3.033%/year
Figure 1 shows how the FCC decreases with time and how the parameters control this. Note that the parameter
values used in Figure 1 are different from the values used in the previous example.
Figure 1. Age Based Capacity Method
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq78412
Not Recommended For New Designs


Similar Part No. - BQ78412DDWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78412 TI-BQ78412 Datasheet
717Kb / 36P
[Old version datasheet]   Pb-Acid Battery State-of-Charge Indicator With Run-Time Display
More results

Similar Description - BQ78412DDWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78412 TI-BQ78412 Datasheet
717Kb / 36P
[Old version datasheet]   Pb-Acid Battery State-of-Charge Indicator With Run-Time Display
logo
saftbatteries
BA5590A SAFT-BA5590A Datasheet
218Kb / 2P
   With state of charge indicator (SOCI)
logo
NXP Semiconductors
SAA1501T PHILIPS-SAA1501T Datasheet
372Kb / 20P
   Battery charge level indicator
December 1994
logo
ON Semiconductor
NCS35011 ONSEMI-NCS35011 Datasheet
233Kb / 11P
   5S Battery Protector with State of Charge Indication
March, 2023 - Rev. P8
logo
Shenzhen Huazhimei Semi...
HM4067C HMSEMI-HM4067C Datasheet
545Kb / 10P
   4A, 12V lead-acid battery charge management IC
HM4067 HMSEMI-HM4067 Datasheet
949Kb / 11P
   5A lead-acid battery charge management integrated circuit
logo
Power Sonic Corporation
PG-12V35-FR POWER-SONIC-PG-12V35-FR Datasheet
416Kb / 2P
   Rechargeable Sealed Lead Acid Battery Rechargeable Sealed Lead Acid Battery
logo
Texas Instruments
BQ2031 TI-BQ2031 Datasheet
169Kb / 16P
[Old version datasheet]   Lead-Acid Fast-Charge IC
BQ2031PN-A5 TI1-BQ2031PN-A5 Datasheet
337Kb / 19P
[Old version datasheet]   Lead-Acid Fast-Charge IC
logo
List of Unclassifed Man...
ZA5076B ETC1-ZA5076B Datasheet
34Kb / 1P
   LEAD ACID BATTERY CLIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com