Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ78PL116RGZR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78PL116RGZR
Description  PowerLAN??Master Gateway Battery Management Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ78PL116RGZR Datasheet(HTML) 1 Page - Texas Instruments

  BQ78PL116RGZR Datasheet HTML 1Page - Texas Instruments BQ78PL116RGZR Datasheet HTML 2Page - Texas Instruments BQ78PL116RGZR Datasheet HTML 3Page - Texas Instruments BQ78PL116RGZR Datasheet HTML 4Page - Texas Instruments BQ78PL116RGZR Datasheet HTML 5Page - Texas Instruments BQ78PL116RGZR Datasheet HTML 6Page - Texas Instruments BQ78PL116RGZR Datasheet HTML 7Page - Texas Instruments BQ78PL116RGZR Datasheet HTML 8Page - Texas Instruments BQ78PL116RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
bq78PL116
www.ti.com
SLUSAB8B
– OCTOBER 2010 – REVISED FEBRUARY 2011
PowerLAN
™ Master Gateway Battery Management Controller
With PowerPump
™ Cell Balancing Technology
Check for Samples: bq78PL116
1
FEATURES
of Cells and MOSFETs With up to 4 Sensors
23
bq78PL116 Designed for Managing 3- to
Fail-Safe Operation of Pack Protection
16-Series-Cell Battery Systems
Circuits: Up to Three Power MOSFETs and
One Secondary Safety Output (Fuse)
– Support for LCD and Electronic Paper
Displays or EPDs
Fully Programmable Voltage, Current, Balance,
and Temperature-Protection Features
– Configurable for 11-A, 26-A, or 110-A
Operating Currents
External Inputs for Auxiliary MOSFET Control
Systems With More Than Four Series Cells
Smart Battery System 1.1 Compliant via
Require External bq76PL102 Dual-Cell
SMBus
Monitors
APPLICATIONS
SmartSafety Features:
Portable Medical Instruments and Test
– Prevention: Optimal Cell Management
Equipment
– Diagnosis: Improved Sensing of Cell
Mobility Devices (E-Bike)
Problems
Uninterruptible Power Supplies and Hand-Held
– Fail Safe: Detection of Event Precursors
Tools
Rate-of-Change Detection of All Important Cell
Characteristics:
DESCRIPTION
– Impedance
The bq78PL116 master gateway battery controller is
– Cell Temperature
part of a complete Li-Ion control, monitoring, and
safety solution designed for large series cell strings.
PowerPump Technology Transfers Charge
Efficiently From Cell to Cell During All
The bq78PL116 along with bq76PL102 PowerLAN
Operating Conditions, Resulting in Longer
dual-cell monitors provide complete battery-system
Run Time and Cell Life
control, communications, and safety functions for a
structure of three up to 16 series cells. This
– Includes User-Configurable PowerPump
PowerLAN
system
provides
simultaneous,
Cell-Balancing Modes
synchronized voltage and current measurements
High-Resolution 18-Bit Integrating Delta-Sigma
using one A/D per-cell technology. This eliminates
Coulomb Counter for Precise Charge-Flow
system-induced noise from measurements and allows
Measurements and Gas Gauging
the precise, continuous, real-time calculation of cell
impedance under all operating conditions, even
Multiple Independent
Δ-Σ ADCs: One-per-Cell
during widely fluctuating load conditions.
Voltage, Plus Separate Temperature, Current,
and Safety
PowerPump technology transfers charge between
cells to balance their voltage and capacity. Balancing
Simultaneous, Synchronous Measurement of
is
possible
during
all
battery
modes:
charge,
Pack Current and Individual Cell Voltages
discharge, and rest. Highly efficient charge-transfer
Very Low Power Consumption
circuitry nearly eliminates energy loss while providing
– < 400 μA Active, < 185 μA Standby, < 85 μA
true real-time balance between cells, resulting in
Ship, and
< 1 μA Undervoltage Shutdown
longer run-time and improved cycle life.
Accurate, Advanced Temperature Monitoring
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerLAN, PowerPump, bqWizard are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ78PL116RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL116 TI-BQ78PL116 Datasheet
456Kb / 34P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
More results

Similar Description - BQ78PL116RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL116 TI-BQ78PL116 Datasheet
456Kb / 34P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ78PL114 TI-BQ78PL114_09 Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
BQ78PL114 TI-BQ78PL114 Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
logo
NXP Semiconductors
MC33665A NXP-MC33665A Datasheet
136Kb / 9P
   Battery management communication gateway
Rev. 3 - 29 July 2022
logo
Texas Instruments
BQ78350-R1 TI1-BQ78350-R1 Datasheet
1Mb / 32P
[Old version datasheet]   Battery Management Controller Companion
BQ78350 TI1-BQ78350 Datasheet
2Mb / 39P
[Old version datasheet]   Battery Management Controller Companion
logo
NXP Semiconductors
PCF50603 PHILIPS-PCF50603 Datasheet
147Kb / 28P
   Controller for power supply and battery management
2003 Oct 31
logo
Freescale Semiconductor...
MC56F825X FREESCALE-MC56F825X Datasheet
3Mb / 88P
   Digital Signal Controller Battery chargers and management
logo
List of Unclassifed Man...
ADM5120 ETC2-ADM5120 Datasheet
306Kb / 8P
   HOME GATEWAY CONTROLLER
logo
International Rectifier
IRFB3407ZPBF IRF-IRFB3407ZPBF_15 Datasheet
249Kb / 8P
   Battery Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com