Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ51052BYFPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ51052BYFPR
Description  High-Efficiency Qi v1.1-Compliant Wireless Power Receiver
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ51052BYFPR Datasheet(HTML) 4 Page - Texas Instruments

  BQ51052BYFPR Datasheet HTML 1Page - Texas Instruments BQ51052BYFPR Datasheet HTML 2Page - Texas Instruments BQ51052BYFPR Datasheet HTML 3Page - Texas Instruments BQ51052BYFPR Datasheet HTML 4Page - Texas Instruments BQ51052BYFPR Datasheet HTML 5Page - Texas Instruments BQ51052BYFPR Datasheet HTML 6Page - Texas Instruments BQ51052BYFPR Datasheet HTML 7Page - Texas Instruments BQ51052BYFPR Datasheet HTML 8Page - Texas Instruments BQ51052BYFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
1
2
3
4
A
B
C
D
E
F
G
PGND
PGND
PGND
PGND
AC2
AC2
AC1
AC1
BOOT2
RECT
RECT
BOOT1
BAT
BAT
BAT
BAT
COMM2
CLAMP2
CLAMP1
COMM1
TS/CTRL
FOD
AD-EN
CHG
ILIM
EN2
TERM
AD
Thermal
Pad
2
AC1
3
BOOT1
4
BAT
5
CLAMP1
6
COMM1
7
CHG
8
AD-EN
9
AD
12
ILIM
13
TS/CTRL
14
FOD
15
COMM2
16
CLAMP2
17
BOOT2
18
RECT
19
AC2
4
bq51050B, bq51051B, bq51052B
SLUSB42E – JULY 2012 – REVISED MARCH 2015
www.ti.com
Product Folder Links: bq51050B bq51051B bq51052B
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
5 Device Options
DEVICE
FUNCTION
VRECT-OVP
VRECT-REG
VBAT-REG
NTC MONITORING
bq51050B
4.20-V Li-Ion Wireless Battery Charger
15 V
Track
4.20 V
JEITA
bq51051B
4.35-V Li-Ion Wireless Battery Charger
15 V
Track
4.35 V
JEITA
bq51052B
4.40-V Li-Ion Wireless Battery Charger
15 V
Track
4.40 V
Modified JEITA
6 Pin Configuration and Functions
YFP Package
28-Pin DSBGA
Top View
RHL Package
20-Pin VQFN With Exposed Thermal Pad
Top View
The exposed thermal pad should be
connected to ground.


Similar Part No. - BQ51052BYFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51050B TI-BQ51050B Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
BQ51050B TI1-BQ51050B Datasheet
2Mb / 35P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
BQ51050BRHLR TI-BQ51050BRHLR Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
BQ51050BRHLT TI-BQ51050BRHLT Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
BQ51050BYFPR TI-BQ51050BYFPR Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
More results

Similar Description - BQ51052BYFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51050B TI-BQ51050B Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
BQ51050B TI1-BQ51050B_14 Datasheet
2Mb / 35P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
BQ51003 TI1-BQ51003 Datasheet
2Mb / 34P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC v1.1) Compliant Power Supply
BQ51010B TI1-BQ51010B Datasheet
1Mb / 33P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
BQ51013B TI-BQ51013B Datasheet
2Mb / 40P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
   QI Compliant Wireless Power Receiver
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
   Qi Compliant Wireless Power Receiver
GPMQ8101A-WPRX-M1 GENERALPLUS-GPMQ8101A-WPRX-M1 Datasheet
373Kb / 9P
   QI Compliant Wireless Power Receiver Module
logo
Toshiba Semiconductor
TC7761WBG TOSHIBA-TC7761WBG Datasheet
777Kb / 29P
   Qi Compliant Wireless Power Receiver Controller IC
2014-05-15
TC7763WBG TOSHIBA-TC7763WBG Datasheet
748Kb / 28P
   Qi Compliant Wireless Power Receiver Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com