Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ771601DPJR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ771601DPJR
Description  External Delay Capacitor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ771601DPJR Datasheet(HTML) 3 Page - Texas Instruments

  BQ771601DPJR Datasheet HTML 1Page - Texas Instruments BQ771601DPJR Datasheet HTML 2Page - Texas Instruments BQ771601DPJR Datasheet HTML 3Page - Texas Instruments BQ771601DPJR Datasheet HTML 4Page - Texas Instruments BQ771601DPJR Datasheet HTML 5Page - Texas Instruments BQ771601DPJR Datasheet HTML 6Page - Texas Instruments BQ771601DPJR Datasheet HTML 7Page - Texas Instruments BQ771601DPJR Datasheet HTML 8Page - Texas Instruments BQ771601DPJR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
1
2
3
4
8
7
6
5
VDD
V4
V3
V2
OUT
CD
VSS
V1
bq771600, bq771601, bq771602
bq771604, bq771605, bq771611, bq771612
www.ti.com
SLUSAX0D – DECEMBER 2012 – REVISED JULY 2015
Table 2. Device Comparison Table
TAPE AND REEL
PART NUMBER
OVP (V)
OV HYSTERESIS (V)
OUTPUT DRIVE
TAPE AND REEL (SMALL)
(LARGE)
bq771600
4.3
0.3
CMOS Active High
bq771600DPJR
bq771600DPJT
bq771601
4.225
0.05
CMOS Active High
bq771601DPJR
bq771601DPJT
bq771602
4.225
0.05
NCH Active Low, Open Drain
bq771602DPJR
bq771602DPJT
bq771603
(1)
4.325
0.05
NCH Active Low, Open Drain
bq771603DPJR
bq771603DPJT
bq771604
4.2
0.05
CMOS Active High
bq771604DPJR
bq771604DPJT
bq771605
3.85
0.25
NCH Active Low
bq771605DPJR
bq771605DPJT
bq771607
(1)
4.2
0.25
CMOS Active High
bq771607DPJR
bq771607DPJT
bq771608
(1)
4.225
0.25
CMOS Active High
bq771608DPJR
bq771608DPJT
bq771609
(1)
4.25
0.05
CMOS Active High
bq771609DPJR
bq771609DPJT
bq771610
(1)
4.250
0.25
CMOS Active High
bq771610DPJR
bq771610DPJT
bq771611
4.35
0.3
CMOS Active High
bq771611DPJR
bq771611DPJT
bq771612
3.9
0.3
CMOS Active High
bq771612DPJR
bq771612DPJT
bq771613
(1)
4.2
0.05
NCH Active Low
bq771613DPJR
bq771613DPJT
bq771614
(1)
4.225
0.25
NCH Active Low
bq771614DPJR
bq771614DPJT
bq771615
(1)
4.25
0.05
NCH Active Low
bq771615DPJR
bq771615DPJT
CMOS Active High or NCH
bq7716xy future options
(2)
3.85–4.65
0–0.3
bq7716xyTBD
bq7716xyTBD
Active Low, Open Drain
(1)
Product Preview only.
(2)
Contact TI.
6 Pin Configuration and Functions
DPJ Package
8-Pin WSON
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
I/O(1)
CD
7
I/O
External capacitor connection for delay timer
OUT
8
OA
Output drive for overvoltage fault signal
VDD
1
P
Power supply
VSS
6
P
Electrically connected to IC ground and negative terminal of the lowest cell in the stack
V1
5
I
Sense input for positive voltage of the lowest cell in the stack
V2
4
I
Sense input for positive voltage of the second cell from the bottom of the stack
V3
3
I
Sense input for positive voltage of the third cell from the bottom of the stack
V4
2
I
Sense input for positive voltage of the fourth cell from the bottom of the stack
(1)
IA = Input Analog, OA = Output Analog, P = Power Connection
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq771600 bq771601 bq771602 bq771604 bq771605 bq771611 bq771612


Similar Part No. - BQ771601DPJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771601DPJR TI-BQ771601DPJR Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771601DPJR TI1-BQ771601DPJR Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
More results

Similar Description - BQ771601DPJR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109 TOREX-XC6109 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
Rohm
BD5243FVE-TR ROHM-BD5243FVE-TR Datasheet
400Kb / 16P
   Delay Time Controlled by external Capacitor, Two output types
logo
Seiko Instruments Inc
S1004 SII-S1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1003 SII-S1003 Datasheet
681Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
SG Micro Corp
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
ABLIC Inc.
S-1009 ABLIC-S-1009 Datasheet
619Kb / 43P
   0.27uA CURRENT CONSUMPTION VOLTAGE DETECTOR WITH DELAY FUNCTION (EXTERNAL DELAY TIME SETTING
Rev.5.1_03
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com