Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ771601DPJR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ771601DPJR
Description  External Delay Capacitor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ771601DPJR Datasheet(HTML) 4 Page - Texas Instruments

  BQ771601DPJR Datasheet HTML 1Page - Texas Instruments BQ771601DPJR Datasheet HTML 2Page - Texas Instruments BQ771601DPJR Datasheet HTML 3Page - Texas Instruments BQ771601DPJR Datasheet HTML 4Page - Texas Instruments BQ771601DPJR Datasheet HTML 5Page - Texas Instruments BQ771601DPJR Datasheet HTML 6Page - Texas Instruments BQ771601DPJR Datasheet HTML 7Page - Texas Instruments BQ771601DPJR Datasheet HTML 8Page - Texas Instruments BQ771601DPJR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
bq771600, bq771601, bq771602
bq771604, bq771605, bq771611, bq771612
SLUSAX0D – DECEMBER 2012 – REVISED JULY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage range(2)
VDD–VSS
–0.3
30
V
Input voltage range(2)
V4–V3, V3–V2, V2–V1, V1–VSS, or CD–VSS
–0.3
30
V
Output voltage range(2)
OUT–VSS
–0.3
30
V
See package
Continuous total power dissipation, PTOT
dissipation rating.
Functional temperature
–40
110
°C
Lead temperature (soldering, 10 s), TSOLDER
300
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Absolute maximum ratings for input voltage range, output voltage range, and supply voltage are assured by design and not tested in
production.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
VESD Rating
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
(1)
Supply voltage
3
20
V
V4–V3, V3–V2,
V2–V1, V1–VSS, or
Input voltage range
0
5
V
CD–VSS
TA
Operating ambient temperature range
–40
110
°C
(1)
See Typical Application.
7.4 Thermal Information
bq7716xy
THERMAL METRIC(1)
DPJ (WSON)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
56.6
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
56.4
°C/W
RθJB
Junction-to-board thermal resistance
30.6
°C/W
ψJT
Junction-to-top characterization parameter
1.0
°C/W
ψJB
Junction-to-board characterization parameter
37.8
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
11.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: bq771600 bq771601 bq771602 bq771604 bq771605 bq771611 bq771612


Similar Part No. - BQ771601DPJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771601DPJR TI-BQ771601DPJR Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771601DPJR TI1-BQ771601DPJR Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
More results

Similar Description - BQ771601DPJR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109 TOREX-XC6109 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
Rohm
BD5243FVE-TR ROHM-BD5243FVE-TR Datasheet
400Kb / 16P
   Delay Time Controlled by external Capacitor, Two output types
logo
Seiko Instruments Inc
S1004 SII-S1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1003 SII-S1003 Datasheet
681Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
SG Micro Corp
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
ABLIC Inc.
S-1009 ABLIC-S-1009 Datasheet
619Kb / 43P
   0.27uA CURRENT CONSUMPTION VOLTAGE DETECTOR WITH DELAY FUNCTION (EXTERNAL DELAY TIME SETTING
Rev.5.1_03
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com