Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ771807DPJR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ771807DPJR
Description  Internal Delay Timer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ771807DPJR Datasheet(HTML) 4 Page - Texas Instruments

  BQ771807DPJR Datasheet HTML 1Page - Texas Instruments BQ771807DPJR Datasheet HTML 2Page - Texas Instruments BQ771807DPJR Datasheet HTML 3Page - Texas Instruments BQ771807DPJR Datasheet HTML 4Page - Texas Instruments BQ771807DPJR Datasheet HTML 5Page - Texas Instruments BQ771807DPJR Datasheet HTML 6Page - Texas Instruments BQ771807DPJR Datasheet HTML 7Page - Texas Instruments BQ771807DPJR Datasheet HTML 8Page - Texas Instruments BQ771807DPJR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
V
OV
V
OV –VHYS
OUT (V)
t
DELAY
1
2
3
4
8
7
6
5
VDD
V5
V4
V3
OUT
VSS
V1
V2
bq771800, bq771801, bq771802
bq771803, bq771807, bq771808
bq771809, bq771815
SLUSAX1D – DECEMBER 2012 – REVISED NOVEMBER 2014
www.ti.com
6 Pin Configuration and Functions
Pin Functions
bq7718xy
Pin Name
Type I/O
Description
1
VDD
P
Power supply
2
V5
I
Sense input for positive voltage of the fifth cell from the bottom of the stack
3
V4
I
Sense input for positive voltage of the fourth cell from the bottom of the stack
4
V3
I
Sense input for positive voltage of the third cell from the bottom of the stack
5
V2
I
Sense input for positive voltage of the second cell from the bottom of the stack
6
V1
I
Sense input for positive voltage of the lowest cell in the stack
7
VSS
P
Electrically connected to IC ground and negative terminal of the lowest cell in the stack
8
OUT
O
Output drive for overvoltage fault signal
6.1 Pin Details
In the bq7718xy device, each cell is monitored independently. Overvoltage is detected by comparing the actual
cell voltage to a protection voltage reference, VOV. If any cell voltage exceeds the programmed OV value, a timer
circuit is activated. When the timer expires, the OUT pin goes from inactive to active state.
For NCH Open Drain Active Low configurations, the OUT pin pulls down to VSS when active (OV present) and is
high impedance when inactive (no OV).
Figure 1. Timing for Overvoltage Sensing
6.1.1 Sense Positive Input for Vx
This is an input to sense each single battery cell voltage. A series resistor and a capacitor across the cell for
each input is required for noise filtering and stable voltage monitoring.
4
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: bq771800 bq771801 bq771802 bq771803 bq771807 bq771808 bq771809 bq771815


Similar Part No. - BQ771807DPJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771807DPJR TI1-BQ771807DPJR Datasheet
887Kb / 28P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771807DPJR TI1-BQ771807DPJR Datasheet
1,007Kb / 28P
[Old version datasheet]   bq7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771807DPJR TI1-BQ771807DPJR Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771807DPJR TI-BQ771807DPJR Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771807DPJR TI-BQ771807DPJR Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results

Similar Description - BQ771807DPJR

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
TFN-3S FOTEK-TFN-3S Datasheet
781Kb / 1P
   OFF DELAY TIMER
logo
Panasonic Semiconductor
MN103SJ9 PANASONIC-MN103SJ9 Datasheet
320Kb / 3P
   30 internal interrupts: Watchdog timer. Timer
logo
LSI Computer Systems
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7213 LSI-LS7213 Datasheet
43Kb / 4P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211N LSI-LS7211N Datasheet
216Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7215 LSI-LS7215 Datasheet
221Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
logo
Littelfuse
KSD1 LITTELFUSE-KSD1 Datasheet
502Kb / 2P
   Delay-on-Make Timer
2016 Rev: 1-A-062116
logo
LSI Computer Systems
LS7211 LSI-LS7211_03 Datasheet
275Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7210 LSI-LS7210 Datasheet
49Kb / 4P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211 Datasheet
171Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com