Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ771605DPJR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ771605DPJR
Description  External Delay Capacitor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ771605DPJR Datasheet(HTML) 1 Page - Texas Instruments

  BQ771605DPJR Datasheet HTML 1Page - Texas Instruments BQ771605DPJR Datasheet HTML 2Page - Texas Instruments BQ771605DPJR Datasheet HTML 3Page - Texas Instruments BQ771605DPJR Datasheet HTML 4Page - Texas Instruments BQ771605DPJR Datasheet HTML 5Page - Texas Instruments BQ771605DPJR Datasheet HTML 6Page - Texas Instruments BQ771605DPJR Datasheet HTML 7Page - Texas Instruments BQ771605DPJR Datasheet HTML 8Page - Texas Instruments BQ771605DPJR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
VDD
V4
V3
V2
OUT
CD
VSS
V1
RIN
CIN
C
CD
Cell 2
Cell 1
R
VD
CVD
CIN
RIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq771600, bq771601, bq771602
bq771604, bq771605, bq771611, bq771612
SLUSAX0D – DECEMBER 2012 – REVISED JULY 2015
bq7716xy Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
with External Delay Capacitor
1 Features
3 Description
The bq7716xy device family provides an overvoltage
1
2-, 3-, and 4-Series Cell Overvoltage Protection
monitor and protector for Li-Ion battery pack systems.
External Capacitor-Programmed Delay Timer
Each
cell
is
monitored
independently
for
an
Fixed OVP Threshold
overvoltage condition. For quicker production-line
testing, the bq7716xy device provides a Customer
High-Accuracy Overvoltage Protection:
Test Mode with greatly reduced delay time.
±10 mV
Low Power Consumption ICC ≈ 1 µA
In the bq7716xy device, an external delay timer is
initiated upon detection of an overvoltage condition
(VCELL(ALL) < VPROTECT)
on any cell. Upon expiration of the delay timer, the
Low Leakage Current Per Cell Input < 100 nA
output is triggered into its active state (either high or
Small Package Footprint
low, depending on the configuration). The external
8-pin WSON (3.00 mm × 4.00 mm)
delay timer feature also includes the ability to detect
an open or shorted delay capacitor on the CD pin,
which will similarly trigger the output driver in an
2 Applications
overvoltage condition.
Power Tools
UPS Battery Backup
Table 1. Device Information Table(1)
Light Electric Vehicles
PART NUMBER
PACKAGE
BODY SIZE (NOM)
eBike
bq771600
WSON (8)
3.00 mm × 4.00 mm
eScooter
(1) For all available packages, see the orderable addendum at
the end of the data sheet and the Device Comparison Table.
Pedal Assist Bicycles
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - BQ771605DPJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771605 TI1-BQ771605 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results

Similar Description - BQ771605DPJR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109 TOREX-XC6109 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
Rohm
BD5243FVE-TR ROHM-BD5243FVE-TR Datasheet
400Kb / 16P
   Delay Time Controlled by external Capacitor, Two output types
logo
Seiko Instruments Inc
S1004 SII-S1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1003 SII-S1003 Datasheet
681Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
SG Micro Corp
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
ABLIC Inc.
S-1009 ABLIC-S-1009 Datasheet
619Kb / 43P
   0.27uA CURRENT CONSUMPTION VOLTAGE DETECTOR WITH DELAY FUNCTION (EXTERNAL DELAY TIME SETTING
Rev.5.1_03
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com