Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ771809DPJT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ771809DPJT
Description  Internal Delay Timer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ771809DPJT Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ771809DPJT Datasheet HTML 3Page - Texas Instruments BQ771809DPJT Datasheet HTML 4Page - Texas Instruments BQ771809DPJT Datasheet HTML 5Page - Texas Instruments BQ771809DPJT Datasheet HTML 6Page - Texas Instruments BQ771809DPJT Datasheet HTML 7Page - Texas Instruments BQ771809DPJT Datasheet HTML 8Page - Texas Instruments BQ771809DPJT Datasheet HTML 9Page - Texas Instruments BQ771809DPJT Datasheet HTML 10Page - Texas Instruments BQ771809DPJT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
bq771800, bq771801, bq771802
bq771803, bq771807, bq771808
bq771809, bq771815
www.ti.com
SLUSAX1D – DECEMBER 2012 – REVISED NOVEMBER 2014
7.5
DC Characteristics
Typical values stated where TA = 25°C and VDD = 18 V, MIN/MAX values stated where TA = –40°C to 110°C and VDD = 3 V
to 25 V (unless otherwise noted).
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Voltage Protection Threshold VCx
bq771800
4.300
V
bq771801
4.275
V
bq771803
4.275
V
bq771802
4.225
V
bq771804(1)
4.225
V
bq771805(1)
4.325
V
bq771806(1)
4.350
V
bq771807
4.450
V
V(PROTECT) Overvoltage
VOV
bq771808
4.200
V
Detection
bq771809
4.200
V
bq771810(1)
4.200
V
bq771811(1)
4.225
V
bq771812(1)
4.250
V
bq771813(1)
4.250
V
bq771814(1)
3.900
V
bq771815
4.225
V
bq771816(1)
4.250
V
bq771800
250
300
400
mV
bq771801
0
50
100
V
bq771802
250
300
400
mV
bq771803
0
50
100
V
bq771804(1)
250
300
400
mV
bq771805(1)
250
300
400
mV
bq771806(1)
250
300
400
mV
bq771807
250
300
400
mV
VHYS
OV Detection Hysteresis
bq771808
0
50
100
V
bq771809
0
50
100
V
bq771810(1)
200
250
250
mV
bq771811(1)
0
50
100
V
bq771812(1)
0
50
100
V
bq771813(1)
0
50
100
V
bq771814(1)
250
300
400
mV
bq771815
0
50
100
V
bq771816(1)
0
50
100
V
VOA
OV Detection Accuracy
TA = 25°C
–10
10
mV
TA = –40°C
–40
44
mV
TA = 0°C
–20
20
mV
OV Detection Accuracy Across
VOADRIFT
Temperature
TA = 60°C
–24
24
mV
TA = 110°C
–54
54
mV
Supply and Leakage Current
(V5–V4) = (V4–V3) = (V3–V2) = (V2–V1) =
ICC
Supply Current
1
2
µA
(V1–VSS) = 4.0 V (See Figure 12.)
(V5–V4) = (V4–V3) = (V3–V2) = (V2–V1) =
IIN
Input Current at Vx Pins
–0.1
0.1
µA
(V1–VSS) = 4.0 V (See Figure 12.)
(1)
Product Preview only.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq771800 bq771801 bq771802 bq771803 bq771807 bq771808 bq771809 bq771815


Similar Part No. - BQ771809DPJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771809DPJT TI1-BQ771809DPJT Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771809DPJT TI1-BQ771809DPJT Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771809DPJT TI1-BQ771809DPJT Datasheet
887Kb / 28P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771809DPJT TI1-BQ771809DPJT Datasheet
1,007Kb / 28P
[Old version datasheet]   bq7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771809DPJT TI1-BQ771809DPJT Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results

Similar Description - BQ771809DPJT

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
TFN-3S FOTEK-TFN-3S Datasheet
781Kb / 1P
   OFF DELAY TIMER
logo
Panasonic Semiconductor
MN103SJ9 PANASONIC-MN103SJ9 Datasheet
320Kb / 3P
   30 internal interrupts: Watchdog timer. Timer
logo
LSI Computer Systems
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7213 LSI-LS7213 Datasheet
43Kb / 4P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211N LSI-LS7211N Datasheet
216Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7215 LSI-LS7215 Datasheet
221Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
logo
Littelfuse
KSD1 LITTELFUSE-KSD1 Datasheet
502Kb / 2P
   Delay-on-Make Timer
2016 Rev: 1-A-062116
logo
LSI Computer Systems
LS7211 LSI-LS7211_03 Datasheet
275Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7210 LSI-LS7210 Datasheet
49Kb / 4P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211 Datasheet
171Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com