Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7998BRUZ-1REEL3 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7998BRUZ-1REEL3
Description  8-Channel, 10- and 12-Bit ADCs with I2CCompatible
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7998BRUZ-1REEL3 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7998BRUZ-1REEL3 Datasheet HTML 7Page - Analog Devices AD7998BRUZ-1REEL3 Datasheet HTML 8Page - Analog Devices AD7998BRUZ-1REEL3 Datasheet HTML 9Page - Analog Devices AD7998BRUZ-1REEL3 Datasheet HTML 10Page - Analog Devices AD7998BRUZ-1REEL3 Datasheet HTML 11Page - Analog Devices AD7998BRUZ-1REEL3 Datasheet HTML 12Page - Analog Devices AD7998BRUZ-1REEL3 Datasheet HTML 13Page - Analog Devices AD7998BRUZ-1REEL3 Datasheet HTML 14Page - Analog Devices AD7998BRUZ-1REEL3 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD7997/AD7998
Rev. 0 | Page 11 of 32
TERMINOLOGY
Signal-to-Noise and Distortion Ratio (SINAD)
The measured ratio of signal-to-noise and distortion at the out-
put of the A/D converter. The signal is the rms amplitude of the
fundamental. Noise is the sum of all nonfundamental signals up
to half the sampling frequency (fS/2), excluding dc. The ratio is
dependent on the number of quantization levels in the digiti-
zation process; the more levels, the smaller the quantization
noise. The theoretical signal-to-noise and distortion ratio for
an ideal N-bit converter with a sine wave input is given by
Signal-to-(Noise + Distortion) = (6.02 N + 1.76) dB
Thus, the SINAD is 61.96 dB for a 10-bit converter and 74 dB
for a 12-bit converter.
Total Harmonic Distortion (THD)
The ratio of the rms sum of harmonics to the fundamental. For
the AD7997/AD7998, it is defined as
1
6
5
4
3
2
V
V
V
V
V
V
THD
2
2
2
2
2
log
20
)
dB
(
+
+
+
+
=
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5, and V6 are the rms amplitudes of the second through
sixth harmonics.
Peak Harmonic or Spurious Noise
The ratio of the rms value of the next largest component in the
ADC output spectrum (up to fS/2 and excluding dc) to the rms
value of the fundamental. Typically, the value of this specification
is determined by the largest harmonic in the spectrum, but for
ADCs where the harmonics are buried in the noise floor, it is a
noise peak.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa
and fb, any active device with nonlinearities creates distortion
products at sum and difference frequencies of mfa ± nfb, where
m, n = 0, 1, 2, 3, and so on. Intermodulation distortion terms
are those for which neither m nor n equal zero. For example,
second-order terms include (fa + fb) and (fa − fb), while
third-order terms include (2fa + fb), (2fa − fb),(fa + 2fb) and
(fa − 2fb).
The AD7997/AD7998 is tested using the CCIF standard where
two input frequencies near the top end of the input bandwidth
are used. In this case, the second-order terms are usually dis-
tanced in frequency from the original sine waves while the
third-order terms are usually at a frequency close to the input
frequencies. As a result, the second and third-order terms are
specified separately. The calculation of intermodulation distor-
tion is, like the THD specification, the ratio of the rms sum of
the individual distortion products to the rms amplitude of the
sum of the fundamentals, expressed in dB.
Channel-to-Channel Isolation
A measure of the level of crosstalk between channels, taken
by applying a full-scale sine wave signal to the unselected input
channels, and determining how much the 108 Hz signal is
attenuated in the selected channel. The sine wave signal applied
to the unselected channels is then varied from 1 kHz up to
2 MHz, each time determining how much the 108 Hz signal in
the selected channel is attenuated. This figure represents the
worst-case level across all channels.
Aperture Delay
The measured interval between the sampling clock’s leading
edge and the point at which the ADC takes the sample.
Aperture Jitter
This is the sample-to-sample variation in the effective point in
time at which the sample is taken.
Full-Power Bandwidth
The input frequency at which the amplitude of the reconstructed
fundamental is reduced by 0.1 dB or 3 dB for a full-scale input.
Power Supply Rejection Ratio (PSRR)
The ratio of the power in the ADC output at the full-scale
frequency, f, to the power of a 200 mV p-p sine wave applied
to the ADC VDD supply of frequency fS:
PSRR (dB) = 10 log (Pf/PfS)
where Pf is the power at frequency f in the ADC output; PfS is
the power at frequency fS coupled onto the ADC VDD supply.
Integral Nonlinearity
The maximum deviation from a straight line passing through
the endpoints of the ADC transfer function. The endpoints are
zero scale, a point 1 LSB below the first code transition, and full
scale, a point 1 LSB above the last code transition.
Differential Nonlinearity
The difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Offset Error
The deviation of the first code transition (00…000) to
(00…001) from the ideal—that is, AGND + 1 LSB.
Offset Error Match
The difference in offset error between any two channels.
Gain Error
The deviation of the last code transition (111…110) to
(111…111) from the ideal (that is, REFIN − 1 LSB) after the
offset error has been adjusted out.
Gain Error Match
The difference in gain error between any two channels.


Similar Part No. - AD7998BRUZ-1REEL3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7998 AD-AD7998 Datasheet
934Kb / 28P
   2-Channel, 12-Bit ADC with I2C-Compatible
REV. 0
AD7998 AD-AD7998_15 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
REV. 0
More results

Similar Description - AD7998BRUZ-1REEL3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7991 AD-AD7991 Datasheet
264Kb / 25P
   4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Rev. PrB
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
logo
Linear Technology
LTC1850 LINER-LTC1850 Datasheet
283Kb / 28P
   8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
LTC1851 LINER-LTC1851_15 Datasheet
293Kb / 28P
   8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
LTC1850 LINER-LTC1850_15 Datasheet
293Kb / 28P
   8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Analog Devices
AD7938BSUZ AD-AD7938BSUZ Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938 AD-AD7938_17 Datasheet
629Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com