Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9164001MEA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9164001MEA
Description  DS26C32AMQML Quad Differential Line Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9164001MEA Datasheet(HTML) 3 Page - Texas Instruments

  5962-9164001MEA Datasheet HTML 1Page - Texas Instruments 5962-9164001MEA Datasheet HTML 2Page - Texas Instruments 5962-9164001MEA Datasheet HTML 3Page - Texas Instruments 5962-9164001MEA Datasheet HTML 4Page - Texas Instruments 5962-9164001MEA Datasheet HTML 5Page - Texas Instruments 5962-9164001MEA Datasheet HTML 6Page - Texas Instruments 5962-9164001MEA Datasheet HTML 7Page - Texas Instruments 5962-9164001MEA Datasheet HTML 8Page - Texas Instruments 5962-9164001MEA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DS26C32AMQML
www.ti.com
SNOSAS3A – OCTOBER 2010 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VCC)
7V
Common Mode Range (VCM)
±14V
Differential Input Voltage (VDiff)
±14V
Enable Input Voltage (V I)
7V
Storage Temperature Range (T Stg)
−65°C ≤ TA ≤ +150°C
Lead Temperature (Soldering 4 sec.)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not verify specific performance limits. For verified specifications and test conditions, see the
Electrical Characteristics. The verified specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
Unless otherwise specified, all voltages are referenced to ground.
Recommended Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
4.50
5.50
V
Operating Temperature Range (TA)
−55
+125
°C
Quality Conformance Inspection
Table 1. Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp °C
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
12
Settling time at
+25
13
Settling time at
+125
14
Settling time at
-55
DS26C32AM Electrical Characteristics DC Parameters
Sub-
Parameter
Test Conditions
Notes
Min
Max
Unit
groups
VTH
Minimum Differential Input
VCC = 5V, VO = VOH or VOL,
-200
+200
mV
1, 2, 3
Voltage
-7 < VCM < +7
RI
Input Resistance
VCC = 5V, -7 < VCM < +7,
4.5
11
K
1, 2, 3
One input AC Gnd
II
Input Current
VCC = 5V, VI = +10V,
+1.8
mA
1, 2, 3
Other Input = Gnd
VCC = 5V, VI = -10V,
-2.7
mA
1, 2, 3
Other Input = Gnd
VOH
Logical "1" Output Voltage
VCC = 4.5V, VDiff = +1V,
3.8
V
1, 2, 3
IO = -6.0mA
VOL
Logical "0" Output Voltage
VCC = 5.5V, VCC = Max,
0.3
V
1, 2, 3
VDiff = -1V, IO = 6.0mA
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS26C32AMQML


Similar Part No. - 5962-9164001MEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9164001Q2A TI-5962-9164001Q2A Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
5962-9164001Q2A TI-5962-9164001Q2A Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
5962-9164001Q2A TI-5962-9164001Q2A Datasheet
841Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE RECEIVER
5962-9164001Q2A TI1-5962-9164001Q2A Datasheet
1Mb / 30P
[Old version datasheet]   AM26C32 Quadruple Differential Line Receiver
5962-9164001Q2A TI1-5962-9164001Q2A Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
More results

Similar Description - 5962-9164001MEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS26C32AMQML TI1-DS26C32AMQML Datasheet
410Kb / 16P
[Old version datasheet]   DS26C32AMQML Quad Differential Line Receiver
logo
National Semiconductor ...
DS26F32C NSC-DS26F32C Datasheet
140Kb / 6P
   Quad Differential Line Receiver
DS26C32AT NSC-DS26C32AT Datasheet
311Kb / 11P
   Quad Differential Line Receiver
logo
Texas Instruments
SN65LVDS048A TI-SN65LVDS048A_06 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
ARTSCHIP ELECTRONICS CO...
DS34C86T ARTSCHIP-DS34C86T Datasheet
215Kb / 6P
   Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032 TI1-DS90C032_16 Datasheet
864Kb / 18P
[Old version datasheet]   Quad CMOS Differential Line Receiver
SN65LVDS048 TI-SN65LVDS048 Datasheet
198Kb / 1P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS34C86T NSC-DS34C86T Datasheet
196Kb / 8P
   Quad CMOS Differential Line Receiver
logo
Texas Instruments
SN65LVDS048A TI-SN65LVDS048A Datasheet
282Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com