Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9221403M2A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9221403M2A
Description  8-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9221403M2A Datasheet(HTML) 2 Page - Texas Instruments

  5962-9221403M2A Datasheet HTML 1Page - Texas Instruments 5962-9221403M2A Datasheet HTML 2Page - Texas Instruments 5962-9221403M2A Datasheet HTML 3Page - Texas Instruments 5962-9221403M2A Datasheet HTML 4Page - Texas Instruments 5962-9221403M2A Datasheet HTML 5Page - Texas Instruments 5962-9221403M2A Datasheet HTML 6Page - Texas Instruments 5962-9221403M2A Datasheet HTML 7Page - Texas Instruments 5962-9221403M2A Datasheet HTML 8Page - Texas Instruments 5962-9221403M2A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
CY54FCT245T, CY74FCT245T
8-BIT TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCCS018B – MAY 1994 – REVISED NOVEMBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
SPEED
(ns)
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QSOP – Q
Tape and reel
3.8
CY74FCT245DTQCT
FCT245D
QSOP – Q
Tape and reel
4.1
CY74FCT245CTQCT
FCT245C
SOIC
SO
Tube
4.1
CY74FCT245CTSOC
FCT245C
SOIC – SO
Tape and reel
4.1
CY74FCT245CTSOCT
FCT245C
DIP – P
Tube
4.6
CY74FCT245ATPC
CY74FCT245ATPC
–40
°C to 85°C
QSOP – Q
Tape and reel
4.6
CY74FCT245ATQCT
FCT245A
SOIC
SO
Tube
4.6
CY74FCT245ATSOC
FCT245A
SOIC – SO
Tape and reel
4.6
CY74FCT245ATSOCT
FCT245A
QSOP – Q
Tape and reel
7
CY74FCT245TQCT
FCT245
SOIC
SO
Tube
7
CY74FCT245TSOC
FCT245
SOIC – SO
Tape and reel
7
CY74FCT245TSOCT
FCT245
CDIP – D
Tube
4.5
CY54FCT245CTDMB
LCC – L
Tube
4.5
CY54FCT245CTLMB
55
°Cto125°C
CDIP – D
Tube
4.9
CY54FCT245ATDMB
–55
°C to 125°C
LCC – L
Tube
4.9
CY54FCT245ATLMB
CDIP – D
Tube
7.5
CY54FCT245TDMB
LCC – L
Tube
7.5
CY54FCT245TLMB
† Packagedrawings,standardpackingquantities,thermaldata,symbolization,andPCBdesignguidelinesareavailable
at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OPERATION
OE
T/R
OPERATION
L
L
B data to bus A
L
H
A data to bus B
H
X
Z
H = High logic level, L = Low logic level,
X = Don’t care, Z = High-impedance
state
logic diagram (positive logic)
T/R
OE
A0
B0
To Seven Other Channels
1
2
19
18


Similar Part No. - 5962-9221403M2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9221403M2A TI-5962-9221403M2A Datasheet
149Kb / 10P
[Old version datasheet]   8-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 5962-9221403M2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT245T TI-CY54FCT245T Datasheet
149Kb / 10P
[Old version datasheet]   8-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
CY54FCT646T TI1-CY54FCT646T_14 Datasheet
725Kb / 15P
[Old version datasheet]   8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11470 TI1-74ACT11470 Datasheet
125Kb / 7P
[Old version datasheet]   8-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
CY54FCT543T TI-CY54FCT543T Datasheet
316Kb / 12P
[Old version datasheet]   8-BIT LATCHED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT861 TI-SN54ABT861 Datasheet
119Kb / 7P
[Old version datasheet]   10-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16863 TI-54ACT16863 Datasheet
108Kb / 6P
[Old version datasheet]   18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED NOVEMBER 1996
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com