Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3312E Datasheet(PDF) 8 Page - Analog Devices

Part # ADM3312E
Description  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3312E Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM3312E Datasheet HTML 4Page - Analog Devices ADM3312E Datasheet HTML 5Page - Analog Devices ADM3312E Datasheet HTML 6Page - Analog Devices ADM3312E Datasheet HTML 7Page - Analog Devices ADM3312E Datasheet HTML 8Page - Analog Devices ADM3312E Datasheet HTML 9Page - Analog Devices ADM3312E Datasheet HTML 10Page - Analog Devices ADM3312E Datasheet HTML 11Page - Analog Devices ADM3312E Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. G
–8–
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
V
SD
TPC 1. Charge Pump V+ Exiting Shutdown
SD
V
TPC 2. Charge Pump V– Exiting Shutdown
9
7
5
3
1
–1
–3
–5
–7
–9
0
5
10
15
20
LOAD CURRENT – mA
V+
V–
TPC 3. Charge Pump V+, V– vs. Load Current
(VCC = 3.3 V)
9
7
5
3
1
–1
–3
–5
–7
0
200
400
600
800
1000
TOUTHIGH
TOUTLOW
LOAD CAPACITANCE – pF
TPC 4. Transmitter Output vs. Load Capacitance
(VCC = 3.3 V, Data Rate = 460 kbps)
LOAD CAPACITANCE – pF
40
0
35
30
25
20
15
10
5
0
2500
2000
1500
1000
500
TPC 5. Slew Rate vs. Load Capacitance (VCC = 3.3 V)
25
20
15
10
5
0
0
200
400
600
800
1000
1200
LOAD CAPACITANCE – pF
TPC 6. Supply Current vs. Load Capacitance (RL = 3 k
W)
(VCC = 3.3 V, Data Rate = 460 kbps)
Typical Performance Characteristics


Similar Part No. - ADM3312E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3312E AD-ADM3312E Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3312EACPZ AD-ADM3312EACPZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3312EACPZ AD-ADM3312EACPZ Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3312EACPZ-REEL AD-ADM3312EACPZ-REEL Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3312EACPZ-REEL7 AD-ADM3312EACPZ-REEL7 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
More results

Similar Description - ADM3312E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3312EARUZ AD-ADM3312EARUZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3307E AD-ADM3307E_V01 Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3311E AD-ADM3311E Datasheet
180Kb / 12P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?
REV. A
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3075EWYRZ AD-ADM3075EWYRZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com