Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4107BCP-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4107BCP-REEL7
Description  PLL Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4107BCP-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  ADF4107BCP-REEL7 Datasheet HTML 1Page - Analog Devices ADF4107BCP-REEL7 Datasheet HTML 2Page - Analog Devices ADF4107BCP-REEL7 Datasheet HTML 3Page - Analog Devices ADF4107BCP-REEL7 Datasheet HTML 4Page - Analog Devices ADF4107BCP-REEL7 Datasheet HTML 5Page - Analog Devices ADF4107BCP-REEL7 Datasheet HTML 6Page - Analog Devices ADF4107BCP-REEL7 Datasheet HTML 7Page - Analog Devices ADF4107BCP-REEL7 Datasheet HTML 8Page - Analog Devices ADF4107BCP-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADF4107
TIMING CHARACTERISTICS
Table 2. (AVDD = DVDD = 3 V ± 10%, AVDD ≤ VP ≤ 5.5 V, AGND = DGND = CPGND = 0 V, RSET = 5.1 kΩ, dBm referred to 50 Ω,
TA = TMAX to TMIN, unless otherwise noted.) 1
Parameter
Limit2 (B Version)
Unit
Test Conditions/Comments
t1
10
ns min
DATA to CLOCK Setup Time
t2
10
ns min
DATA to CLOCK Hold Time
t3
25
ns min
CLOCK High Duration
t4
25
ns min
CLOCK Low Duration
t5
10
ns min
CLOCK to LE Setup Time
t6
20
ns min
LE Pulsewidth
1 Guaranteed by design but not production tested.
2 Operating temperature range (B Version) is –40°C to +85°C.
CLOCK
DB22
DB2
DATA
LE
t1
LE
DB23 (MSB)
t2
DB1 (CONTROL
BIT C2)
DB0 (LSB)
(CONTROL BIT C1)
t3
t4
t6
t5
Figure 2. Timing Diagram
ABSOLUTE MAXIMUM RATINGS
Table 3. (TA = 25°C, unless otherwise noted.)
Parameter
Rating
AVDD to GND1
–0.3 V to +3.6 V
AVDD to DVDD
–0.3 V to +0.3 V
VP to GND
–0.3 V to +5.8 V
VP to AVDD
–0.3 V to +5.8 V
Digital I/O Voltage to GND
–0.3 V to VDD + 0.3 V
Analog I/O Voltage to GND
–0.3 V to VP + 0.3 V
REFIN, RFINA, RFINB to GND
–0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (B Version)
–40°C to +85°C
Storage Temperature Range
–65°C to +125°C
Maximum Junction Temperature
150°C
TSSOP θJA Thermal Impedance
150.4°C/W
CSP θJA Thermal Impedance
122°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Transistor Count
CMOS
6425
Bipolar
303
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
This device is a high performance RF integrated circuit with an
ESD rating of <2 kV, and it is ESD sensitive. Proper precautions
should be taken for handling and assembly.
1GND = AGND = DGND = 0 V.
Rev. 0 | Page 5 of 20


Similar Part No. - ADF4107BCP-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4107BCPZ-REEL AD-ADF4107BCPZ-REEL Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4107BCPZ-REEL7 AD-ADF4107BCPZ-REEL7 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
More results

Similar Description - ADF4107BCP-REEL7

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com