Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS0001 Datasheet(PDF) 5 Page - Texas Instruments

Part # HD3SS0001
Description  10.3Gbps Thunderbolt Port and DisplayPort Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS0001 Datasheet(HTML) 5 Page - Texas Instruments

  HD3SS0001_14 Datasheet HTML 1Page - Texas Instruments HD3SS0001_14 Datasheet HTML 2Page - Texas Instruments HD3SS0001_14 Datasheet HTML 3Page - Texas Instruments HD3SS0001_14 Datasheet HTML 4Page - Texas Instruments HD3SS0001_14 Datasheet HTML 5Page - Texas Instruments HD3SS0001_14 Datasheet HTML 6Page - Texas Instruments HD3SS0001_14 Datasheet HTML 7Page - Texas Instruments HD3SS0001_14 Datasheet HTML 8Page - Texas Instruments HD3SS0001_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
HD3SS0001
www.ti.com
SLAS827 – SEPTEMBER 2013
THERMAL INFORMATION
over operating free-air temperature range (unless otherwise noted)
HD3SS0001
THERMAL METRIC(1)
UNITS
24-PIN VQFN (RLL)
θJA
Junction-to-ambient thermal resistance
41.5
θJCtop
Junction-to-case (top) thermal resistance
43.1
θJCbot
Junction-to-case (bottom) thermal resistance
6.3
°C/W
θJB
Junction-to-board thermal resistance
11.2
ψJT
Junction-to-top characterization parameter
1.2
ψJB
Junction-to-board characterization parameter
11.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
POWER CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX(1)
UNIT
IDD
Supply Current in Active Mode
Outputs Floating
1.0
1.3
mA
IDETECT
Supply Current in Detect Mode
DP_EN# = 1, 10G_EN = 0
26
50
µA
PD
Power Dissipation in Active Mode
3.3
4.7
mW
PDetect
Power Dissipation in Detect Mode
80
150
µW
(1)
The maximum ratings are simulated for VDD = 3.6V.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :HD3SS0001


Similar Part No. - HD3SS0001_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS0001RLFR TI1-HD3SS0001RLFR Datasheet
222Kb / 8P
[Old version datasheet]   10.3Gbps Thunderbolt??and DisplayPort??Switch
More results

Similar Description - HD3SS0001_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS0001 TI1-HD3SS0001 Datasheet
222Kb / 8P
[Old version datasheet]   10.3Gbps Thunderbolt??and DisplayPort??Switch
logo
Pericom Semiconductor C...
PI3TB212 PERICOM-PI3TB212 Datasheet
824Kb / 11P
   10.3Gbps Thunderbolt and DisplayPort Switch
logo
IOGEAR
GDP14SW2 IOGEAR-GDP14SW2 Datasheet
150Kb / 2P
   2-Port 8K DisplayPort 1.4 Switch
logo
Tripp Lite. All Rights ...
B004-DPUA4-K TRIPPLITE-B004-DPUA4-K Datasheet
163Kb / 4P
   4-Port DisplayPort KVM Switch with Audio, Cables and USB 3.0 SuperSpeed Hub
B004-DPUA2-K TRIPPLITE-B004-DPUA2-K Datasheet
164Kb / 4P
   2-Port DisplayPort KVM Switch with Audio, Cables and USB 3.0 SuperSpeed Hub
B002-DP2AC4 TRIPPLITE-B002-DP2AC4 Datasheet
162Kb / 4P
   Secure KVM Switch, Dual Monitor, DisplayPort to DisplayPort - 4-Port, 4K, NIAP PP3.0, Audio, CAC
B002-DP2A4 TRIPPLITE-B002-DP2A4 Datasheet
161Kb / 4P
   Secure KVM Switch, Dual Monitor, DisplayPort to DisplayPort - 4-Port, 4K, NIAP PP3.0 Certified, Audio
B002-DP2A2-N4 TRIPPLITE-B002-DP2A2-N4 Datasheet
41Kb / 4P
   Secure KVM Switch, 2-Port, Dual Head, DisplayPort to DisplayPort, 4K, NIAP PP4.0, Audio, TAA
B002-DP1A4-N4 TRIPPLITE-B002-DP1A4-N4 Datasheet
39Kb / 4P
   Secure KVM Switch, 4-Port, Single Head, DisplayPort to DisplayPort, 4K, NIAP PP4.0, Audio, TAA
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com