Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS214 Datasheet(PDF) 1 Page - Texas Instruments

Part # HD3SS214
Description  8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS214 Datasheet(HTML) 1 Page - Texas Instruments

  HD3SS214_16 Datasheet HTML 1Page - Texas Instruments HD3SS214_16 Datasheet HTML 2Page - Texas Instruments HD3SS214_16 Datasheet HTML 3Page - Texas Instruments HD3SS214_16 Datasheet HTML 4Page - Texas Instruments HD3SS214_16 Datasheet HTML 5Page - Texas Instruments HD3SS214_16 Datasheet HTML 6Page - Texas Instruments HD3SS214_16 Datasheet HTML 7Page - Texas Instruments HD3SS214_16 Datasheet HTML 8Page - Texas Instruments HD3SS214_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Source A
Source B
HPDB
DAx(p)
HPDA
DAx(n)
HPDC
AUXAx
DDCA
DDCB
AUXCx
AUXBx
DCx(p)
DCx(n)
DP Sink
DBx(p)
DBx(n)
Control
AUX_SEL
Dx_SEL
DDCC
OE
HD3SS214 2:1
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
HD3SS214
SLAS907A – DECEMBER 2015 – REVISED JULY 2016
HD3SS214 8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
1
1 Features
1
Compatible with DisplayPort 1.3 Electrical
Standard
2:1 and 1:2 Switching Supporting Data Rates up
to 8.1 Gbps
Supports HPD, AUX and DDC Switching
Wide Differential BW of 8 GHz
Excellent Dynamic Electrical Characteristics
VDD Operating Range 3.3 V ±10%
Extended Industrial Temperature Range of
-40°C to 105°C
5 mm x 5 mm, 50-Ball
ųBGA Package
Output Enable (OE) Pin Disables Switch to Save
Power
Power Consumption
Active < 2 mW Typical
Standby < 10 µW Typical (When OE = L)
2 Applications
Notebook PCs
Desktops/All-in-Ones
Docking Station
Digital Television
3 Description
HD3SS214 is a high-speed passive switch capable of
switching two full DisplayPort 4 lane ports from one of
two sources to one target location in an application. It
will also switch one source to one of two sinks. For
DisplayPort Applications, the HD3SS214 supports
switching of the Auxiliary (AUX), Display Data
Channel (DDC) and Hot Plug Detect (HPD) signals in
the ZQE package.
One typical application would be a mother board that
includes two GPUs that need to drive one DisplayPort
sink. The GPU is selected by the Dx_SEL pin.
Another application is when one source needs to
switch between one of two sinks, example would be a
side connector and a docking station connector. The
switching
is
controlled
using
the
Dx_SEL
and
AUX_SEL pins. The HD3SS214 operates from a
single supply voltage of 3.3 V over extended
industrial temperature range -40°C to 105°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
HD3SS214
µBGA (50)
5.00 mm x 5.00 mm
HD3SS214I
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - HD3SS214_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS214I TI-HD3SS214I Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS214IZQER TI-HD3SS214IZQER Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS214IZXHR TI-HD3SS214IZXHR Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS214ZQER TI1-HD3SS214ZQER Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214ZQER TI-HD3SS214ZQER Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
More results

Similar Description - HD3SS214_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
[Old version datasheet]   6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS213 TI-HD3SS213 Datasheet
2Mb / 29P
[Old version datasheet]   HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
HD3SS213 TI1-HD3SS213_14 Datasheet
258Kb / 15P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
[Old version datasheet]   DisplayPort 1:2 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com