Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS214I Datasheet(PDF) 3 Page - Texas Instruments

Part # HD3SS214I
Description  8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS214I Datasheet(HTML) 3 Page - Texas Instruments

  HD3SS214I Datasheet HTML 1Page - Texas Instruments HD3SS214I Datasheet HTML 2Page - Texas Instruments HD3SS214I Datasheet HTML 3Page - Texas Instruments HD3SS214I Datasheet HTML 4Page - Texas Instruments HD3SS214I Datasheet HTML 5Page - Texas Instruments HD3SS214I Datasheet HTML 6Page - Texas Instruments HD3SS214I Datasheet HTML 7Page - Texas Instruments HD3SS214I Datasheet HTML 8Page - Texas Instruments HD3SS214I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
G
H
J
Not to scale
Dx_SEL
VDD
DA0(n)
DA1(n)
DA2(n)
DA3(p)
DA3(n)
DC0(n)
DC0(p)
GND
DA0(p)
DA1(p)
DA2(p)
OE
DB0(p)
DB0(n)
AUX_SEL
GND
DC1(n)
DC1(p)
DB1(p)
DB1(n)
DC2(n)
DC2(p)
DB2(p)
DB2(n)
DC3(n)
DC3(p)
DB3(p)
DB3(n)
GND
GND
AUXC(n)
AUXC(p)
HPDB
GND
DDCCLK_B
AUXB(p)
GND
DDCCLK_A
AUXA(p)
HPDC
HPDA
DDCCLK_C
VDD
DDCDAT_B
AUXB(n)
DDCDAT_C
DDCDAT_A
AUXA(n)
3
HD3SS214
www.ti.com
SLAS907A – DECEMBER 2015 – REVISED JULY 2016
Product Folder Links: HD3SS214
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
ZQE Package
50-ball (µBGA)
Top View
(1)
The high speed data ports incorporate 20-kΩ pull down resistors that are switched in when a port is not selected and switched out when
the port is selected.
Pin Functions
PIN
I/O
DESCRIPTION(1)
NO.
NAME
A1
Dx_SEL
Control I
High Speed Port Selection Control Pins
A2,J4
VDD
Supply
3.3 V Positive power supply voltage
A4
DA0(n)
I/O
Port A, Channel 0, High Speed Negative Signal
A5
DA1(n)
I/O
Port A, Channel 1, High Speed Negative Signal


Similar Part No. - HD3SS214I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS214I TI-HD3SS214I Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS214IZQER TI-HD3SS214IZQER Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS214IZXHR TI-HD3SS214IZXHR Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
More results

Similar Description - HD3SS214I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
[Old version datasheet]   6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS213 TI-HD3SS213 Datasheet
2Mb / 29P
[Old version datasheet]   HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
HD3SS213 TI1-HD3SS213_14 Datasheet
258Kb / 15P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
[Old version datasheet]   DisplayPort 1:2 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com