Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51216 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS51216
Description  Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51216 Datasheet(HTML) 3 Page - Texas Instruments

  TPS51216_15 Datasheet HTML 1Page - Texas Instruments TPS51216_15 Datasheet HTML 2Page - Texas Instruments TPS51216_15 Datasheet HTML 3Page - Texas Instruments TPS51216_15 Datasheet HTML 4Page - Texas Instruments TPS51216_15 Datasheet HTML 5Page - Texas Instruments TPS51216_15 Datasheet HTML 6Page - Texas Instruments TPS51216_15 Datasheet HTML 7Page - Texas Instruments TPS51216_15 Datasheet HTML 8Page - Texas Instruments TPS51216_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TPS51216
www.ti.com
SLUSAB9A – NOVEMBER 2010 – REVISED APRIL 2013
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage
V5IN
4.5
5.5
V
VBST
–0.1
33.5
VBST(1)
–0.1
5.5
SW
-3
28
SW(2)
–4.5
28
Input voltage range
V
VLDOIN, VDDQSNS, REFIN
–0.1
3.5
VTTSNS
–0.1
3.5
PGND, VTTGND
–0.1
0.1
S3, S5, TRIP, MODE
–0.1
5.5
DRVH
–3
33.5
DRVH(1)
–0.1
5.5
DRVH(2)
–4.5
33.5
Output voltage range
VTTREF, VREF
–0.1
3.5
V
VTT
–0.1
3.5
DRVL
–0.1
5.5
PGOOD
–0.1
5.5
TA
Operating free-air temperature
–40
85
°C
(1)
Voltage values are with respect to the SW terminal.
(2)
This voltage should be applied for less than 30% of the repetitive period.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :TPS51216


Similar Part No. - TPS51216_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51216-EP TI1-TPS51216-EP Datasheet
1Mb / 34P
[Old version datasheet]   Memory Power Solution Synchronous Buck Controller
TPS51216MRUKREP TI1-TPS51216MRUKREP Datasheet
1Mb / 34P
[Old version datasheet]   Memory Power Solution Synchronous Buck Controller
TPS51216RUKR TI1-TPS51216RUKR Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51216RUKT TI1-TPS51216RUKT Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
More results

Similar Description - TPS51216_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
[Old version datasheet]   Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
logo
Maxim Integrated Produc...
MAX17000A MAXIM-MAX17000A_13 Datasheet
755Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 3; 4/13
MAX17000 MAXIM-MAX17000_11 Datasheet
757Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 2/11
MAX17000A MAXIM-MAX17000A_10 Datasheet
804Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
MAX17000A MAXIM-MAX17000A Datasheet
750Kb / 31P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
MAX17000 MAXIM-MAX17000_13 Datasheet
802Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com