Electronic Components Datasheet Search |
|
ADN2847ACP-32-RL Datasheet(PDF) 10 Page - Analog Devices |
|
ADN2847ACP-32-RL Datasheet(HTML) 10 Page - Analog Devices |
10 / 12 page REV. 0 –10– ADN2847 GND2 GND VCC2 GND IMODN CLKN IMODN CLKP GND2 GND1 IMODP DATAP IMODP DATAN GND2 GND1 GND2 VCC1 IBIAS GND IBIAS PAVCAP ERCAP CCBIAS ADN2847 13 24 36 25 VCC FAIL DEGRADE DATAP DATAN CLKN CLKP GND VCC 100nF 100nF 100nF 100nF 10 F GND VCCs SHOULD HAVE BYPASS CAPACITORS AS CLOSE AS POSSIBLE TO THE ACTUAL SUPPLY PINS ON THE ADN2847 AND THE LASER DIODE USED. CONSERVATIVE DECOUPLING WOULD INCLUDE 100pF CAPACITORS IN PARALLEL WITH 10nF CAPACITORS. 1 12 1.5k 37 48 VCC MPD LD VCC LD = LASER DIODE MPD = MONITOR PHOTODIODE ALS 1k 1.5k 1.5k 10nF 10nF 10nF 10nF 1 F 1 F 1 H NOTES * DESIGNATES COMPONENTS THAT NEED TO BE OPTIMIZED FOR THE TYPE OF LASER USED **FOR DIGITAL PROGRAMMING,THE ADN2850 OR THE ADN2860 OPTICAL SUPERVISOR CAN BE USED. * * * * * * * * ** ** * * Figure 12. AC-Coupled 50 Mbps to 3.3 Gbps Test Circuit, Data Not Clocked Figure 13. A 2.5 Gbps Optical Eye at 25 °C. Average Power = 0 dBm, Extinction Ratio = 10 dB, PRBS 31 Pattern. Eye Obtained Using a DFB Laser. Figure 14. A 2.5 Gbps Optical Eye at 85 °C. Average Power = 0 dBm, Extinction Ratio = 10 dB, PRBS 31 Pattern. Eye Obtained Using a DFB Laser. |
Similar Part No. - ADN2847ACP-32-RL |
|
Similar Description - ADN2847ACP-32-RL |