Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51225 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51225
Description  Dual Synchronous, Step-Down Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51225 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS51225 Datasheet HTML 3Page - Texas Instruments TPS51225 Datasheet HTML 4Page - Texas Instruments TPS51225 Datasheet HTML 5Page - Texas Instruments TPS51225 Datasheet HTML 6Page - Texas Instruments TPS51225 Datasheet HTML 7Page - Texas Instruments TPS51225 Datasheet HTML 8Page - Texas Instruments TPS51225 Datasheet HTML 9Page - Texas Instruments TPS51225 Datasheet HTML 10Page - Texas Instruments TPS51225 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
TPS51225
Thermal Pad
TPS51225B
TPS51225C
CS1
VFB1
VREG3
VFB2
CS2
DRVL2
VIN
VREG5
VO1
DRVL1
TPS51225, TPS51225B, TPS51225C
www.ti.com
SLUSAV0B – JANUARY 2012 – REVISED SEPTEMBER 2012
DEVICE INFORMATION
RUK PACKAGE
20 PINS
(TOP VIEW)
PIN FUNCTIONS
PIN NO.
TPS51225
NAME
I/O
DESCRIPTION
TPS51225B
TPS51225C
CS1
1
O
Sets the channel 1 OCL trip level.
CS2
5
O
Sets the channel 2OCL trip level.
DRVH1
16
O
High-side driver output
DRVH2
10
O
High-side driver output
DRVL1
15
O
Low-side driver output
DRVL2
11
O
Low-side driver output
EN1
20
I
Channel 1 enable.
EN2
6
I
Channel 2 enable.
PGOOD
7
O
Power good output flag. Open drain output. Pull up to external rail via a resistor
SW1
18
O
Switch-node connection.
SW2
8
O
Switch-node connection.
VBST1
17
I
Supply input for high-side MOSFET (bootstrap terminal). Connect capacitor from this pin to SW
terminal.
VBST2
9
I
VCLK
19
O
Clock output for charge pump.
VFB1
2
I
Voltage feedback Input
VFB2
4
I
Power conversion voltage input. Apply the same voltage as drain voltage of high-side MOSFETs of
VIN
12
I
channel 1 and channel 2.
VO1
14
I
Output voltage input, 5-V input for switch-over.
VREG3
3
O
3.3-V LDO output.
VREG5
13
O
5-V LDO output.
Thermal
GND terminal, solder to the ground plane
pad
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :TPS51225 TPS51225B TPS51225C


Similar Part No. - TPS51225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51225 TI1-TPS51225 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225B TI1-TPS51225B Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225B TI1-TPS51225B Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225BRUKR TI1-TPS51225BRUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results

Similar Description - TPS51225

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
Maxim Integrated Produc...
MAX17548 MAXIM-MAX17548 Datasheet
1Mb / 28P
   42V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 2/17
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Maxim Integrated Produc...
MAX17559 MAXIM-MAX17559 Datasheet
951Kb / 28P
   60V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 6/15
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Linear Technology
LTC3850 LINER-LTC3850_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
   Dual synchronous step-down controller with adjustable LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com