Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAHCT1G04QDCKRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CAHCT1G04QDCKRQ1
Description  SINGLE INVERTER GATE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CAHCT1G04QDCKRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  CAHCT1G04QDCKRQ1 Datasheet HTML 1Page - Texas Instruments CAHCT1G04QDCKRQ1 Datasheet HTML 2Page - Texas Instruments CAHCT1G04QDCKRQ1 Datasheet HTML 3Page - Texas Instruments CAHCT1G04QDCKRQ1 Datasheet HTML 4Page - Texas Instruments CAHCT1G04QDCKRQ1 Datasheet HTML 5Page - Texas Instruments CAHCT1G04QDCKRQ1 Datasheet HTML 6Page - Texas Instruments CAHCT1G04QDCKRQ1 Datasheet HTML 7Page - Texas Instruments CAHCT1G04QDCKRQ1 Datasheet HTML 8Page - Texas Instruments CAHCT1G04QDCKRQ1 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SN74AHCT1G04-Q1
SINGLE INVERTER GATE
SCLS510A − JUNE 2003 − REVISED FEBRUARY 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
C
15 pF
4.7
6.7
1
7.5
ns
tPHL
A
Y
CL = 15 pF
4.7
6.7
1
7.5
ns
tPLH
A
Y
C
50 pF
5.5
7.7
1
8.5
ns
tPHL
A
Y
CL = 50 pF
5.5
7.7
1
8.5
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
14
pF


Similar Part No. - CAHCT1G04QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CAHCT1G04QDCKRQ1 TI-CAHCT1G04QDCKRQ1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
More results

Similar Description - CAHCT1G04QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1GU04 TI-SN74AUC1GU04_10 Datasheet
445Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74AHC1G04 DIODES-74AHC1G04_11 Datasheet
180Kb / 8P
   SINGLE INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com