Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS850Y Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS850Y
Description  14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS850Y Datasheet(HTML) 5 Page - Texas Instruments

  ADS850Y Datasheet HTML 1Page - Texas Instruments ADS850Y Datasheet HTML 2Page - Texas Instruments ADS850Y Datasheet HTML 3Page - Texas Instruments ADS850Y Datasheet HTML 4Page - Texas Instruments ADS850Y Datasheet HTML 5Page - Texas Instruments ADS850Y Datasheet HTML 6Page - Texas Instruments ADS850Y Datasheet HTML 7Page - Texas Instruments ADS850Y Datasheet HTML 8Page - Texas Instruments ADS850Y Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ADS850
SBAS154C
5
www.ti.com
TIMING DIAGRAMS
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tCONV
Convert Clock Period
100
100
µsns
tL
Clock Pulse LOW
48
tCONV/2
ns
t H
Clock Pulse HIGH
48
tCONV/2
ns
t D
Aperture Delay
2
ns
t 1
Data Hold Time, CL = 0pF
3.9
ns
t2
New Data Delay Time, CL = 15pF max
12
ns
7 Clock Cycles
Data Invalid
t
D
t
L
t
H
t
CONV
N – 7N – 6N – 5N – 4N – 3N – 2N – 1N
Data Out
CLK
Analog In
N
t
2
N + 1
N + 2
N + 3
N + 4
N + 5
N + 6
N + 7
t
1
t
P
CAL
CLK
BUSY
Data Out
32,768 Cycles
Data Invalid
Calibrated ADC
t
P = 2 • tCONV
Data Valid
7 Clock Cycles
TIMING DIAGRAM 1. Pipeline Delay Timing.
TIMING DIAGRAM 2. Power-On Calibration Mode Timing.
TIMING DIAGRAM 3. Calibration-On-Demand Mode Timing.
TIMING DIAGRAM 4. Reset Mode Timing.
V
REF
CLK
BUSY
Data Out
t
S
t
S = Time for reference to settle (< 200ms).
32,768 Cycles
Delay Time = 221 Clocks
7 Clock Cycles
Data Invalid
t
P
RST
CLK
Data Out
Uncalibrated ADC


Similar Part No. - ADS850Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS850Y/250 TI1-ADS850Y/250 Datasheet
851Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS850Y/250G4 TI1-ADS850Y/250G4 Datasheet
851Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS850Y/2K TI1-ADS850Y/2K Datasheet
851Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS850Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
logo
Burr-Brown (TI)
ADS1100 BURR-BROWN-ADS1100 Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1100 TI1-ADS1100_15 Datasheet
880Kb / 23P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100 TI1-ADS1100_14 Datasheet
882Kb / 24P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
5962-9319803HXC-14 DATEL-5962-9319803HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
logo
Texas Instruments
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
HAS-1409 AD-HAS-1409_15 Datasheet
3Mb / 6P
   14 BIT 125KHZ ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS5541 TI1-ADS5541 Datasheet
1Mb / 37P
[Old version datasheet]   14-Bit, 105MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com