Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1110A0IDBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1110A0IDBVR
Description  16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1110A0IDBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1110A0IDBVR Datasheet HTML 6Page - Texas Instruments ADS1110A0IDBVR Datasheet HTML 7Page - Texas Instruments ADS1110A0IDBVR Datasheet HTML 8Page - Texas Instruments ADS1110A0IDBVR Datasheet HTML 9Page - Texas Instruments ADS1110A0IDBVR Datasheet HTML 10Page - Texas Instruments ADS1110A0IDBVR Datasheet HTML 11Page - Texas Instruments ADS1110A0IDBVR Datasheet HTML 12Page - Texas Instruments ADS1110A0IDBVR Datasheet HTML 13Page - Texas Instruments ADS1110A0IDBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ADS1110
SBAS276A − MARCH 2003 − REVISED NOVEMBER 2003
www.ti.com
10
I2C DATA RATES
The I2C bus operates in one of three speed modes:
Standard, which allows a clock frequency of up to 100kHz;
Fast, which allows a clock frequency of up to 400kHz; and
High-speed mode (also called Hs mode), which allows a
clock frequency of up to 3.4MHz. The ADS1110 is fully
compatible with all three modes.
No special action needs to be taken to use the ADS1110
in Standard or Fast modes, but High-speed mode must be
activated. To activate High-speed mode, send a special
address byte of 00001xxx following the START condition,
where xxx are bits unique to the Hs-capable master. This
byte is called the Hs master code. (Note that this is different
from normal address bytes: the low bit does not indicate
read/write status.) The ADS1110 will not acknowledge this
byte; the I2C specification prohibits acknowledgment of
the Hs master code. On receiving a master code, the
ADS1110 will switch on its Hs mode filters, and
communicate at up to 3.4MHz. The ADS1110 will switch
out of Hs mode with the next STOP condition.
For more information on High-speed mode, consult the I2C
specification.
REGISTERS
The ADS1110 has two registers that are accessible via its
I2C port. The output register contains the result of the last
conversion; the configuration register allows the user to
change the ADS1110 operating mode and query the status
of the device.
OUTPUT REGISTER
The 16-bit output register contains the result of the last
conversion in binary two’s complement format. Following
reset or power−up, the output register is cleared to zero;
it remains zero until the first conversion is completed.
The output register’s format is shown in Table 4.
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NAME
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 4. Output Register


Similar Part No. - ADS1110A0IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1110A0IDBVR TI1-ADS1110A0IDBVR Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1110A0IDBVR TI1-ADS1110A0IDBVR Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110A0IDBVRG4 TI1-ADS1110A0IDBVRG4 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110A0IDBVRG4 TI1-ADS1110A0IDBVRG4 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
More results

Similar Description - ADS1110A0IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1110 TI1-ADS1110_13 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_14 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_16 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_10 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com