Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1204IRHBT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1204IRHBT
Description  FOUR 1-BIT, 10MHZ, 2ND-ORDER, DELTA-SIGMA MODULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1204IRHBT Datasheet(HTML) 3 Page - Texas Instruments

  ADS1204IRHBT Datasheet HTML 1Page - Texas Instruments ADS1204IRHBT Datasheet HTML 2Page - Texas Instruments ADS1204IRHBT Datasheet HTML 3Page - Texas Instruments ADS1204IRHBT Datasheet HTML 4Page - Texas Instruments ADS1204IRHBT Datasheet HTML 5Page - Texas Instruments ADS1204IRHBT Datasheet HTML 6Page - Texas Instruments ADS1204IRHBT Datasheet HTML 7Page - Texas Instruments ADS1204IRHBT Datasheet HTML 8Page - Texas Instruments ADS1204IRHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ADS1204
SBAS301A − OCTOBER 2003 − REVISED JUNE 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range at −40
°C to +85°C, AVDD = 5V, BVDD = 3V, CH x+ = 0.5V to 4.5V, CH x− = 2.5V,
REFIN = REFOUT = internal +2.5V, CLKIN = 20MHz, and 16-bit Sinc3 filter with decimation by 256, unless otherwise noted.
ADS1204I
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNITS
Resolution
16
Bits
DC Accuracy
INL
Integral linearity error(2)
±1
±3
LSB
INL
Integral linearity error(2)
±0.001
±0.005
% FSR
Integral linearity match
6
LSB
Integral linearity match
0.009
% FSR
DNL
Differential nonlinearity(3)
±1
LSB
VOS
Input offset error
−1.4
±3
mV
Input offset error match
2
mV
TCVOS
Input offset error drift
2
8
µV/°C
GERR
Gain error(4)
Referenced to VREF
0.08
±0.5
% FSR
Gain error match
0.185
0.5
% FSR
TCGERR
Gain error drift
2
ppm/
°C
PSRR
Power-supply rejection ratio
4.75V < AVDD < 5.25V
78
dB
Analog Input
FSR
Full-scale differential range
(CH x+) − (CH x−); CH x− = 2.5V
±2.5
V
Specified differential range
(CH x+) − (CH x−); CH x− = 2.5V
±2
V
Maximum operating input range(3)
0
AVDD
V
Input capacitance
Common-mode
3
pF
Input leakage current
CLK turned off
±1
nA
Differential input resistance
100
k
Differential input capacitance
2.5
pF
CMRR
Common-mode rejection ratio
At DC
100
dB
CMRR
Common-mode rejection ratio
VIN = ±1.25VPP at 40kHz
110
dB
BW
Bandwidth
FS sine wave, −3dB
50
MHz
Sampling Dynamics
Internal clock frequency
CLKSEL = 1
8
10
12
MHz
CLKIN
External clock frequency
CLKSEL = 0
1
20
24
MHz
AC Accuracy
THD
Total harmonic distortion
VIN = ±2VPP at 5kHz
−96
−88
dB
SFDR
Spurious-free dynamic range
VIN = ±2VPP at 5kHz
92
100
dB
SNR
Signal-to-noise ratio
VIN = ±2VPP at 5kHz
86
89
dB
SINAD
Signal-to-noise + distortion
VIN = ±2VPP at 5kHz
85
89
dB
Channel-to-channel isolation(3)
VIN = ±2VPP at 50kHz
85
dB
ENOB
Effective number of bits
14
14.5
Bits
(1) All typical values are at TA = +25°C.
(2) Integral nonlinearity is defined as the maximum deviation of the line through the end points of the specified input range of the transfer curve
for CH x+ = −2V to +2V at 2.5V, expressed either as the number of LSBs or as a percent of measured input range (4V).
(3) Ensured by design.
(4) Maximum values, including temperature drift, are ensured over the full specified temperature range.
(5) Applicable for 5.0V nominal supply: BVDD (min) = 4.5V and BVDD (max) = 5.5V.
(6) Applicable for 3.0V nominal supply: BVDD (min) = 2.7V and BVDD (max) = 3.6V.


Similar Part No. - ADS1204IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1204IRHBT TI1-ADS1204IRHBT Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204IRHBT TI1-ADS1204IRHBT Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204IRHBTG4 TI1-ADS1204IRHBTG4 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204IRHBTG4 TI1-ADS1204IRHBTG4 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results

Similar Description - ADS1204IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com