Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5203 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS5203
Description  DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5203 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5203 Datasheet HTML 2Page - Texas Instruments ADS5203 Datasheet HTML 3Page - Texas Instruments ADS5203 Datasheet HTML 4Page - Texas Instruments ADS5203 Datasheet HTML 5Page - Texas Instruments ADS5203 Datasheet HTML 6Page - Texas Instruments ADS5203 Datasheet HTML 7Page - Texas Instruments ADS5203 Datasheet HTML 8Page - Texas Instruments ADS5203 Datasheet HTML 9Page - Texas Instruments ADS5203 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ADS5203
SBAS258A – JUNE 2002 – REVISED JULY 2002
www.ti.com
6
TIMING REQUIREMENTS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Clock Rate
fCLK
1
80
MHz
Conversion Rate
1
40
MSPS
Clock Duty Cycle (40MHz)
45
50
55
%
Clock Duty Cycle (80MHz)
42
50
58
%
Output Delay Time
td(o)
CL = 10pF
9
14
ns
Mux Setup Time
ts(m)
9
10.4
ns
Mux Hold Time
th(m)
1.7
2.1
ns
Output Setup Time
ts(o)
CL = 10pF
9
10.4
ns
Output Hold Time
th(o)
CL = 10pF
1.5
2.2
ns
Pipeline Delay (latency, channels A and B)
td(pipe)
MODE = 0, SELB = 0
8
CLK Cycles
Pipeline Delay (latency, channels A and B)
td(pipe)
MODE = 1, SELB = 0
4
CLK Cycles
Pipeline Delay (latency, channel A)
td(pipe)
MODE = 0, SELB = 1
8
CLK Cycles
Pipeline Delay (latency, channel B)
td(pipe)
MODE = 0, SELB = 1
9
CLK Cycles
Pipeline Delay (latency, channel A)
td(pipe)
MODE = 1, SELB = 1
8
CLK Cycles
Pipeline Delay (latency, channel B)
td(pipe)
MODE = 1, SELB = 1
9
CLK Cycles
Aperture Delay Time
td(a)
3
ns
Aperture Jitter
tJ(a)
1.5
ps, rms
Disable Time, OE Rising to Hi–Ztdis
5
8
ns
Enable Time, OE Falling to Valid Data
ten
5
8
ns
TIMING OPTIONS
OPERATING MODE
MODE
SELB
TIMING DIAGRAM FIGURE
80MHz Input Clock, Dual-Bus Output, COUT = 40MHz
0
0
1
40MHz Input Clock, Dual-Bus Output, COUT = 40MHz
1
0
2
80MHz Input Clock, Single-Bus Output, COUT = 40MHz
0
1
3
80MHz Input Clock, Single-Bus Output, COUT = 80MHz
1
1
4


Similar Part No. - ADS5203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5203 TI1-ADS5203 Datasheet
886Kb / 18P
[Old version datasheet]   Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
ADS5203IPFB TI1-ADS5203IPFB Datasheet
886Kb / 18P
[Old version datasheet]   Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
ADS5203IPFBG4 TI1-ADS5203IPFBG4 Datasheet
886Kb / 18P
[Old version datasheet]   Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
ADS5203IPFBR TI1-ADS5203IPFBR Datasheet
886Kb / 18P
[Old version datasheet]   Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
ADS5203IPFBRG4 TI1-ADS5203IPFBRG4 Datasheet
886Kb / 18P
[Old version datasheet]   Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5204 TI-ADS5204 Datasheet
492Kb / 18P
[Old version datasheet]   DUAL 10 BIT 40MSPS LOW POWER ANALOG TO DIGITAL CONVERTER WITH PGA
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
logo
Texas Instruments
ADS5203 TI1-ADS5203_15 Datasheet
886Kb / 18P
[Old version datasheet]   Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121_13 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI-ADS5121 Datasheet
404Kb / 17P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI1-ADS5120_10 Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com